Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK681-300 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza STK681-300
Descripción Electrónicos  Forward/Reverse Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-300 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK681-300 Datasheet HTML 1Page - Sanyo Semicon Device STK681-300 Datasheet HTML 2Page - Sanyo Semicon Device STK681-300 Datasheet HTML 3Page - Sanyo Semicon Device STK681-300 Datasheet HTML 4Page - Sanyo Semicon Device STK681-300 Datasheet HTML 5Page - Sanyo Semicon Device STK681-300 Datasheet HTML 6Page - Sanyo Semicon Device STK681-300 Datasheet HTML 7Page - Sanyo Semicon Device STK681-300 Datasheet HTML 8Page - Sanyo Semicon Device STK681-300 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK681-300
No. A0760-4/10
Internal Block Diagram
Sample Application Circuit
VCC2=5V
15
12
13
14
17
16
18
3
19
IN1
IN2
INH
Vref2
Vref1b
Vref1a
RSO
RSI
S.P
NC
OUT1
OUT2
NC
NC
NC
4
5
10
11
7
9
2
8
6
1
STK681-300
+
+
C2
10
μF/50V
VCC1=24V
CCW
CW
GND
ITF02476
C1
at least 47
μF/50V
Motor
7
VCC1
6
OUT2
8
OUT1
9
VCC1
10
NC
11
NC
IN1
INH
5
NC
4
NC
12
IN2
TR1
F1
TR2
82k
Ω
5.1k
Ω
Rs
0.10
Ω
F2
VCC2
Vref1a
Vref1b
Vref2
RSI
RSO
GND
S.P
13
15
16
19
3
1
2
18
17
14
ITF02477
Current
control
Overheating
current control


Número de pieza similar - STK681-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
More results

Descripción similar - STK681-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com