Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HDMKP Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza HDMKP
Descripción Electrónicos  Capacitors for Power Electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HDMKP Datasheet(HTML) 1 Page - Vishay Siliconix

  HDMKP_10 Datasheet HTML 1Page - Vishay Siliconix HDMKP_10 Datasheet HTML 2Page - Vishay Siliconix HDMKP_10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HDMKP
Vishay ESTA
Capacitors for Power Electronics
www.vishay.com
For technical questions, contact: esta@vishay.com
Document Number: 13115
1
Revision: 17-Mar-10
FEATURES
• High RMS current rating: up to 150 A
• High impulse current rating: up to 25 kA
• Low self-inductance of < 70 nH
• High reliability and life expectancy
• Withstands heavy-duty shock and vibration
• Non-polar dielectric
APPLICATIONS
• DC-linking and DC-filtering in industry and traction
converters
• DC-linking in low - power drives
• DC-linking in windturbine converters
• Impulse discharge capacitors for magnetizing and welding
• Replacement of aluminum electrolytic capacitors (lower
capacitance, higher currents)
• AC filter in UPS
DIMENSIONS
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Dielectric
Metallized polypropylene
Dissipation factor (tan
δ0)
< 2 x 10-4/1 kHz
Capacitance tolerance
± 5 %
Operating temperature (hot spot)
θmin. - 40 °C
θmax. + 80 °C
Inductance
< 70 nH
Lifetime expectancy
100 000 h at UR and < 70 °C hotspot
Reliability
100 FIT
Test voltage
Terminal/terminal = 1.5 x URDC, 10 s terminal/case = 2 x URDC + 1000 VAC, 60 s
Casing material
Aluminum/bergamid 3700 UF
Filling
Resin dry, UL 94 V-0
Standards
IEC 61071-1, IEC 61881 and EN61071-1
E-016-651 (2 x)
brass nickel plated
Bergamid
Aluminum
M12 - 10 Nm
Ø 84.4
± 1
Rating
plated
M8 x 12
Torque 6 Nm
A
32
± 0.5
Ø 17
Ø 15
M8
A (2:1)
(4)
Drawing 1
i.e.: HDMKP...-...I
E-016-658 (2 x)
brass nickel plated
Bergamid
Aluminum
M12 - 10 Nm
Ø 116
± 0.5
Rating
plated
M8 x 12
Torque 6 Nm
27
± 0.5
50
± 0.5
Ø 17
A (1.5:1)
(19)
Ø 16
A
M8
Drawing 3
i.e.: HDMKP...-...B
E-016-651 (2 x)
brass nickel plated
Bergamid
Aluminum
M12 - 10 Nm
Ø 116
± 0.5
Rating
plated
M8 x 12
Torque 6 Nm
50
± 0.5
Ø 17
M8
A (2:1)
(4)
Ø 15
A
Drawing 4
i.e.: HDMKP...-...I
E-016-658 (2 x)
brass nickel plated
Bergamid
Aluminum
M12 - 10 Nm
Ø 84.4
± 1
Rating
plated
M8
Torque 6 Nm
A
27
± 0.5
32
± 0.5
Ø 17
M8
A (1.5:1)
(19)
Ø 16
Drawing 2
i.e.: HDMKP...-...B


Número de pieza similar - HDMKP_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
HDMKP VISHAY-HDMKP Datasheet
159Kb / 3P
   Capacitors For Power Electronics
Revision 26-Mar-03
More results

Descripción similar - HDMKP_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4307-A365 EPCOS-B25667-A4307-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4347-A365 EPCOS-B25667-A4347-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4387-A375 EPCOS-B25667-A4387-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A5726-A375 EPCOS-B25667-A5726-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A2317-A175 EPCOS-B25667-A2317-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com