Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIG111BF Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza TIG111BF
Descripción Electrónicos  High Power High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG111BF Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TIG111BF Datasheet HTML 1Page - Sanyo Semicon Device TIG111BF Datasheet HTML 2Page - Sanyo Semicon Device TIG111BF Datasheet HTML 3Page - Sanyo Semicon Device TIG111BF Datasheet HTML 4Page - Sanyo Semicon Device TIG111BF Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIG111BF
No.9017-3/5
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VGE(off)
Gate-to-Emitter Threshold Voltage, VGE(off) -- V
IC -- VCE
Gate-to-Emitter Threshold Voltage, VGE(off) -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
toff, td(off), tf -- RG
Gate Resistance, RG -- Ω
IT16401
0
0
50
40
30
20
10
IT16404
3
0
2.0
3.0
1.0
1.5
0.5
2.5
3.5
4.0
30
20
10
40
50
45
10
89
67
VCE=10V
8V
Tj= --40
°C
IT16402
0
0
50
40
30
20
10
2.0
3.0
1.5
0.5
1.0
2.5
3.5
4.0
8V
Tj=25
°C
IT16403
0
0
50
40
30
20
10
2.0
3.0
1.5
1.0
0.5
2.5
3.5
4.0
8V
Tj=125
°C
4
3
0
1
2
IT16405
5
5
7
9
11
13
15
23A
10A
Tj= --40
°C
IC=46A
4
3
0
1
2
IT16407
5
5
7
9
11
13
15
23A
10A
Tj=125
°C
IC=46A
4
3
0
1
2
IT16406
5
5
7
9
11
13
15
23A
10A
Tj=25
°C
IC=46A
2
3
57
2
3
57
57
3
2
100
1000
1.0
10
IT16408
7
5
3
2
100
7
5
3
2
7
5
3
2
1000
10000
10
t d
(of
f)
VCC=300V
VClamp=600V
L=200
μH
VGE=15V
IC=10A
t f
t off


Número de pieza similar - TIG111BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
TIG111GMH SANYO-TIG111GMH Datasheet
480Kb / 5P
   High Power High Speed Switching Applications
More results

Descripción similar - TIG111BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
TIG111GMH SANYO-TIG111GMH Datasheet
480Kb / 5P
   High Power High Speed Switching Applications
TIG056BF SANYO-TIG056BF Datasheet
330Kb / 4P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG400Q1US65H TOSHIBA-MG400Q1US65H Datasheet
195Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG150Q2YS65H TOSHIBA-MG150Q2YS65H Datasheet
167Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110GMH SANYO-TIG110GMH Datasheet
484Kb / 5P
   High Power High Speed Switching Applications
2SK687 SANYO-2SK687 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
2SK686 SANYO-2SK686 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com