Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS125-06W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BAS125-06W
Descripción Electrónicos  Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS125-06W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS125-06W Datasheet HTML 1Page - Siemens Semiconductor Group BAS125-06W Datasheet HTML 2Page - Siemens Semiconductor Group BAS125-06W Datasheet HTML 3Page - Siemens Semiconductor Group BAS125-06W Datasheet HTML 4Page - Siemens Semiconductor Group BAS125-06W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Dec-20-1996
BAS 125W
Preliminary data
Silicon Schottky Diodes
• For low-loss, fast-recovery, meter protection,
bias isolation and clamping application
• Integrated diffused guard ring
• Low forward voltage
BAS 125-04W
BAS 125-04W
BAS 125-06W
ESD: ElectroStatic Discharge sensitive device, observe handling precautions!
Type
Marking Ordering Code
Pin Configuration
Package
BAS 125-04W
14s
Q62702-
1 = A1
2 = C2
3=C1/A2 SOT-323
BAS 125-05W
15s
Q62702-
1 = A1
2 = A2
3=C1/C2 SOT-323
BAS 125-06W
16s
Q62702-
1 = C1
2 = C2
3=A1/A2 SOT-323
BAS 125W
13s
Q62702-
1 = A
3 = C
SOT-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
25
V
Forward current
IF
100
mA
Surge forward current (
t
≤ 10ms)
IFSM
500
Total Power dissipation
TS ≤ 25 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 55 ... + 150
Thermal Resistance
Junction ambient, BAS125W
1)
RthJA
≤ 310
K/W
Junction ambient, BAS 125-04W...06W
1)
RthJA
≤ 425
Junction - soldering point, BAS125W
RthJS
≤ 230
Junction - soldering point, BAS125-04W...06W
RthJS
≤ 265
1) Package mounted on alumina 15mm x 16.7mmm x 0.7mm


Número de pieza similar - BAS125-06W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAS125-06W INFINEON-BAS125-06W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Guangdong Kexin Industr...
BAS125-06W KEXIN-BAS125-06W Datasheet
46Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAS125-06W INFINEON-BAS125-06W Datasheet
104Kb / 8P
   Silicon Schottky Diodes
2007-04-19
More results

Descripción similar - BAS125-06W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
BAT-64-04W INFINEON-BAT-64-04W Datasheet
1Mb / 13P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2014-02-11
logo
Siemens Semiconductor G...
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com