Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS170W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

No. de pieza BAS170W
Descripción Electrónicos  Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS170W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAS170W Datasheet HTML 1Page - Siemens Semiconductor Group BAS170W Datasheet HTML 2Page - Siemens Semiconductor Group BAS170W Datasheet HTML 3Page - Siemens Semiconductor Group BAS170W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS 170W
Semiconductor Group
2
Edition A01, 11.07.94
Electrical Characteristics
at
TA = 25
°C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10
µA
V(BR)
70
-
-
V
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 15 mA
VF
300
600
750
375
705
880
410
750
1000
mV
Reverse current
VR = 50 V
VR = 70 V
IR
-
-
-
-
0.1
10
µA
Diode capacitance
VR = 0 V, f = 1 MHz
CT
-
1.5
2
pF
Charge carrier life time
IF = 25 mA
I
-
-
100
ps
Differential forward resistance
IF = 10 mA, f = 10 kHz
RF
-34
-
Series inductance
LS
-2
-
nH


Número de pieza similar - BAS170W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAS170W INFINEON-BAS170W Datasheet
553Kb / 12P
   Silicon Schottky Diode
Feb-03-2003
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAS170W INFINEON-BAS170W Datasheet
271Kb / 23P
   Silicon Schottky Diode
2007-09-19
BAS170W INFINEON-BAS170W Datasheet
1Mb / 24P
   Silicon Schottky Diode
2014-02-13
logo
Vishay Siliconix
BAS170WS VISHAY-BAS170WS Datasheet
70Kb / 4P
   Schottky Diodes
Rev. 1.2, 18-Nov-03
More results

Descripción similar - BAS170W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS40-07W SIEMENS-BAS40-07W Datasheet
112Kb / 4P
   Silicon Schottky Diode Preliminary data (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70- SIEMENS-BAS70- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com