Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT14 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BAT14
Descripción Electrónicos  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT14 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14 Datasheet HTML 3Page - Siemens Semiconductor Group BAT14 Datasheet HTML 4Page - Siemens Semiconductor Group BAT14 Datasheet HTML 5Page - Siemens Semiconductor Group BAT14 Datasheet HTML 6Page - Siemens Semiconductor Group BAT14 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T
T1
HiRel Silicon Schottky Diode
BAT 14
Semiconductor Group
1
Draft A03 1998-04-01
Features
¥ HiRel Discrete and Microwave Semiconductor
¥ Medium barrier diodes for detector and mixer
applications
¥ Hermetically sealed microwave package
¥
qualified
¥ ESA/SCC Detail Spec. No.: 5106/014
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
(ql) Quality Level:
P: Professional Quality,
Ordering Code: Q62702D1346
H: High Rel Quality,
Ordering Code: on request
S: Space Quality,
Ordering Code: on request
ES: ESA Space Quality,
Ordering Code: Q62702D1345
(see Chapter Order Instructions for ordering example)
Type
Marking
Ordering Code
Pin Configuration
Package
BAT 14-013 (ql)
-
see below
T
BAT 14-014 (ql)
-
see below
see BAT14-013
T1
BAT 14-033 (ql)
BAT 14-034 (ql)
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-043 (ql)
BAT 14-044 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-063 (ql)
BAT 14-064 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-073 (ql)
BAT 14-074 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-093 (ql)
BAT 14-094 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-103 (ql)
BAT 14-104 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-113 (ql)
BAT 14-114 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1
BAT 14-123 (ql)
BAT 14-124 (ql)
-
-
see below
see below
see BAT14-013
see BAT14-013
T
T1


Número de pieza similar - BAT14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
logo
Siemens Semiconductor G...
BAT14-014 SIEMENS-BAT14-014 Datasheet
47Kb / 3P
   Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
BAT14-020D SIEMENS-BAT14-020D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-020S SIEMENS-BAT14-020S Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-03 SIEMENS-BAT14-03 Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
More results

Descripción similar - BAT14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com