Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1012CR Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI1012CR
Descripción Electrónicos  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1012CR Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1012CR Datasheet HTML 1Page - Vishay Siliconix SI1012CR Datasheet HTML 2Page - Vishay Siliconix SI1012CR Datasheet HTML 3Page - Vishay Siliconix SI1012CR Datasheet HTML 4Page - Vishay Siliconix SI1012CR Datasheet HTML 5Page - Vishay Siliconix SI1012CR Datasheet HTML 6Page - Vishay Siliconix SI1012CR Datasheet HTML 7Page - Vishay Siliconix SI1012CR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 67519
S11-0449-Rev. A, 07-Mar-11
Vishay Siliconix
Si1012CR
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Soure-Drain Diode Forward Voltage
Threshold Voltage
0
2
4
6
8
00.5
11.5
Q
g - Total Gate Charge (nC)
V
DS = 16 V
I
D = 0.6 A
V
DS = 5 V
V
DS = 10 V
0.1
1
10
0.0
0.3
0.6
0.9
1.2
1.5
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.35
0.45
0.55
0.65
0.75
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
255075
100
125
150
T
J - Junction Temperature (°C)
I
D = 0.5 A
V
GS = 4.5 V
V
GS = 2.5 V
0
0.2
0.4
0.6
0.8
012345
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 0.5 A
0
0.6
1.2
1.8
2.4
3
0.01
0.1
1
10
100
Time (s)


Número de pieza similar - SI1012CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI1012CR TFUNK-SI1012CR Datasheet
176Kb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1012CR VISHAY-SI1012CR Datasheet
173Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1012CR VISHAY-SI1012CR_V01 Datasheet
173Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI1012CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com