Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1022R Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1022R
Descripción Electrónicos  N-Channel 60 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1022R Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1022R_10 Datasheet HTML 1Page - Vishay Siliconix SI1022R_10 Datasheet HTML 2Page - Vishay Siliconix SI1022R_10 Datasheet HTML 3Page - Vishay Siliconix SI1022R_10 Datasheet HTML 4Page - Vishay Siliconix SI1022R_10 Datasheet HTML 5Page - Vishay Siliconix SI1022R_10 Datasheet HTML 6Page - Vishay Siliconix SI1022R_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 71331
S10-2687-Rev. F, 22-Nov-10
Vishay Siliconix
Si1022R
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 10 µA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 0.25 mA
12.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 150
nA
TJ = 85 °C
± 500
VDS = 0 V, VGS = ± 5 V
± 20
Zero Gate Voltage Drain Current
IDSS
VDS = 50 V, VGS = 0 V
10
TJ = 85 °C
100
VDS = 60 V, VGS = 0 V
1µA
On-State Drain Currenta
ID(on)
VDS = 10 V, VGS = 4.5 V
500
mA
VDS = 7.5 V, VGS = 10 V
800
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
3.0
TJ = 125 °C
5.0
VGS = 10 V, ID = 500 mA
1.25
TJ = 125 °C
2.25
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
100
mS
Diode Forward Voltagea
VSD
VGS = 0 V, IS = 200 mA
1.3
V
Dynamicb
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V, f = 1 MHz
30
pF
Output Capacitance
Coss
6
Reverse Transfer Capacitance
Crss
2.5
Gate Charge
Qg
VDS = 10 V, ID = 250 mA, VGS = 4.5 V
0.6
nC
Switchingb, c
Turn-On Time
t(on)
VDD = 30 V, RL = 150 ,
ID = 200 mA, VGEN = 10 V, Rg = 10 
25
ns
Turn-Off Time
t(off)
35


Número de pieza similar - SI1022R_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1022R VISHAY-SI1022R_17 Datasheet
154Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
More results

Descripción similar - SI1022R_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com