Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1035X Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1035X
Descripción Electrónicos  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1035X_10 Datasheet HTML 1Page - Vishay Siliconix SI1035X_10 Datasheet HTML 2Page - Vishay Siliconix SI1035X_10 Datasheet HTML 3Page - Vishay Siliconix SI1035X_10 Datasheet HTML 4Page - Vishay Siliconix SI1035X_10 Datasheet HTML 5Page - Vishay Siliconix SI1035X_10 Datasheet HTML 6Page - Vishay Siliconix SI1035X_10 Datasheet HTML 7Page - Vishay Siliconix SI1035X_10 Datasheet HTML 8Page - Vishay Siliconix SI1035X_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 71426
S10-2544-Rev. C, 08-Nov-10
Vishay Siliconix
Si1035X
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.40
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.40
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 2.8 V
N-Ch
± 0.5
± 1.0
µA
P-Ch
± 0.5
± 1.0
VDS = 0 V, VGS = ± 4.5 V
N-Ch
± 1.5
± 3.0
P-Ch
± 1.0
± 3.0
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
N-Ch
1
500
nA
VDS = - 16 V, VGS = 0 V
P-Ch
- 1
- 500
VDS = 16 V, VGS = 0 V, TJ = 85 °C
N-Ch
10
µA
VDS = - 16 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 10
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
N-Ch
250
mA
VDS = - 5 V, VGS = - 4.5 V
P-Ch
- 200
Drain-Source On-State
Resistancea
RDS(on)
VGS = 4.5 V, ID = 200 mA
N-Ch
5
VGS = - 4.5 V, ID = - 150 mA
P-Ch
8
VGS = 2.5 V, ID = 175 mA
N-Ch
7
VGS = - 2.5 V, ID = 125 mA
P-Ch
12
VGS = 1.8 V, ID = 150 mA
N-Ch
9
VGS = - 1.8 V, ID = - 100 mA
P-Ch
15
VDS = 1.5 V, ID = 40 mA
N-Ch
10
VDS = - 1.5 V, ID = - 30 mA
P-Ch
20
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
N-Ch
0.5
S
VDS = - 10 V, ID = - 150 mA
P-Ch
0.4
Diode Forward Voltagea
VSD
IS = 150 mA, VGS = 0 V
N-Ch
1.2
V
IS = - 150 mA, VGS = 0 V
P-Ch
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 150 mA
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 150 mA
N-Ch
750
pC
P-Ch
1500
Gate-Source Charge
Qgs
N-Ch
75
P-Ch
150
Gate-Drain Charge
Qgd
N-Ch
225
P-Ch
450
Turn-On Time
tON
N-Channel
VDD = 10 V, RL = 47 
ID  250 mA, VGEN = 4.5 V, Rg = 10 
N-Ch
75
ns
P-Ch
80
Turn-Off Time
tOFF
P-Channel
VDD = - 10 V, RL = 65 
ID  - 150 mA, VGEN = - 4.5 V, Rg = 10 
N-Ch
75
P-Ch
90


Número de pieza similar - SI1035X_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI1035X_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com