Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1304BDL Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI1304BDL
Descripción Electrónicos  N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1304BDL Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1304BDL Datasheet HTML 1Page - Vishay Siliconix SI1304BDL Datasheet HTML 2Page - Vishay Siliconix SI1304BDL Datasheet HTML 3Page - Vishay Siliconix SI1304BDL Datasheet HTML 4Page - Vishay Siliconix SI1304BDL Datasheet HTML 5Page - Vishay Siliconix SI1304BDL Datasheet HTML 6Page - Vishay Siliconix SI1304BDL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73480
S10-0645-Rev. C, 22-Mar-10
www.vishay.com
3
Vishay Siliconix
Si1304BDL
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 V thru 3 V
VDS - Drain-to-Source Voltage (V)
VGS = 2.5 V
VGS = 2.0 V
VGS = 1.5 V
0.1
0.2
0.3
0.4
0.5
0.6
012345
VGS = 2.5 V
ID - Drain Current (A)
VGS = 4.5 V
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
ID = 0.91 A
Qg - Total Gate Charge (nC)
VDS = 15 V
VDS = 24 V
Transfer Characteristics Curves vs. Temperature
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = - 55 °C
TA = 125 °C
0
30
60
90
120
150
180
0
5
10
15
20
25
30
Crss
VDS - Drain-Source Voltage (V)
Coss
Ciss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 0.90 A
TJ - Junction Temperature (°C)
VGS = 4.5 V, ID = 0.9 A
VGS = 2.5 V, ID = 0.75 A


Número de pieza similar - SI1304BDL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1304BDL VISHAY-SI1304BDL Datasheet
181Kb / 3P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 24-Oct-05
SI1304BDL VISHAY-SI1304BDL Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
S-52057-Rev. B, 03-Oct-05
SI1304BDL-T1-E3 VISHAY-SI1304BDL-T1-E3 Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
S-52057-Rev. B, 03-Oct-05
logo
VBsemi Electronics Co.,...
SI1304BDL-T1-GE3 VBSEMI-SI1304BDL-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
S-52057-Rev. B, 03-Oct-05
More results

Descripción similar - SI1304BDL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com