Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1563DH Datasheet(PDF) 11 Page - Vishay Siliconix

No. de pieza SI1563DH
Descripción Electrónicos  Complementary 20 V (D-S) Low-Threshold MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563DH Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI1563DH Datasheet HTML 6Page - Vishay Siliconix SI1563DH Datasheet HTML 7Page - Vishay Siliconix SI1563DH Datasheet HTML 8Page - Vishay Siliconix SI1563DH Datasheet HTML 9Page - Vishay Siliconix SI1563DH Datasheet HTML 10Page - Vishay Siliconix SI1563DH Datasheet HTML 11Page - Vishay Siliconix SI1563DH Datasheet HTML 12Page - Vishay Siliconix SI1563DH Datasheet HTML 13Page - Vishay Siliconix SI1563DH Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN816
Vishay Siliconix
www.vishay.com
2
Document Number: 71405
12-Dec-03
FIGURE 3.
Front of Board SC70-6
Back of Board SC70-6
D1
G2
S2
S1
G1
D2
SC70−6 DUAL
vishay.com
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the dual SC-70 6-pin package is
measured as junction-to-foot thermal resistance, in which the
“foot” is the drain lead of the device as it connects with the
body. The junction-to-foot thermal resistance for this device is
typically 80_C/W, with a maximum thermal resistance of
approximately 100_C/W. This data compares favorably with
another compact, dual-channel package – the dual TSOP-6 –
which features a typical thermal resistance of 75_C/W and a
maximum of 90_C/W.
Power Dissipation
The typical RθJA for the dual-channel 6-pin SC-70 with a
copper leadframe is 224_C/W steady-state, compared to
413_C/W for the Alloy 42 version. All figures are based on the
1-inch2 FR4 test board. The following example shows how the
thermal resistance impacts power dissipation for the dual 6-pin
SC-70 package at varying ambient temperatures.
Alloy 42 Leadframe
ALLOY 42 LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
413oC W
PD + 303 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
413oC W
PD + 218 mW
COOPER LEADFRAME
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
224oC W
PD + 558 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
224oC W
PD + 402 mW
Although they are intended for low-power applications,
devices in the 6-pin SC-70 dual-channel configuration will
handle power dissipation in excess of 0.5 W.
TESTING
To further aid the comparison of copper and Alloy 42
leadframes, Figures 4 and 5 illustrate the dual-channel 6-pin
SC-70 thermal performance on two different board sizes and
pad patterns. The measured steady-state values of RθJA for
the dual 6-pin SC-70 with varying leadframes are as follows:
LITTLE FOOT 6-PIN SC-70
Alloy 42
Copper
1) Minimum recommended pad pattern on
the EVB board (see Figure 3).
518_C/W
344_C/W
2) Industry standard 1-inch2 PCB with
maximum copper both sides.
413_C/W
224_C/W
The results indicate that designers can reduce thermal
resistance (θJA) by 34% simply by using the copper leadframe
device as opposed to the Alloy 42 version. In this example, a
174_C/W reduction was achieved without an increase in board
area. If an increase in board size is feasible, a further 120_C/W
reduction can be obtained by utilizing a 1-inch2. PCB area.
The Dual copper leadframe versions have the following suffix:
Dual:
Si19xxEDH
Compl.:
Si15xxEDH


Número de pieza similar - SI1563DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
More results

Descripción similar - SI1563DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com