Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3477DV Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI3477DV
Descripción Electrónicos  P-Channel 12 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3477DV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3477DV Datasheet HTML 1Page - Vishay Siliconix SI3477DV Datasheet HTML 2Page - Vishay Siliconix SI3477DV Datasheet HTML 3Page - Vishay Siliconix SI3477DV Datasheet HTML 4Page - Vishay Siliconix SI3477DV Datasheet HTML 5Page - Vishay Siliconix SI3477DV Datasheet HTML 6Page - Vishay Siliconix SI3477DV Datasheet HTML 7Page - Vishay Siliconix SI3477DV Datasheet HTML 8Page - Vishay Siliconix SI3477DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 70865
S10-1536-Rev. A, 19-Jul-10
www.vishay.com
3
Vishay Siliconix
Si3477DV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 V thru 2.5 V
VGS =1.5 V
VGS =2V
VGS =1V
V
DS - Drain-to-Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
0.06
010
20
30
40
VGS =2.5 V
VGS = 4.5 V
VGS = 1.8 V
I
D - Drain Current (A)
0
2
4
6
8
10
0
102030
405060
ID =9A
VDS =3V
VDS =6V
VDS =9.6 V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
Coss
0
1000
2000
3000
4000
0246
8
10
12
Ciss
Crss
V
DS - Drain-to-Source Voltage (V)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
- 50
- 25
0
25
50
75
100
125
150
VGS =1.8 V; ID =2.2 A
T
J - Junction Temperature (°C)
VGS =4.5 V, 2.5V; ID =9A


Número de pieza similar - SI3477DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI3477DV-T1-GE3 VBSEMI-SI3477DV-T1-GE3 Datasheet
1,000Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3477DV-T1-GE3 VISHAY-SI3477DV-T1-GE3 Datasheet
257Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI3477DV VISHAY-SI3477DV_V01 Datasheet
257Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI3477DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com