Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3586DV-T1-E3 Datasheet(PDF) 11 Page - Vishay Siliconix

No. de pieza SI3586DV-T1-E3
Descripción Electrónicos  N- and P-Channel 20-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3586DV-T1-E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI3586DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 12Page - Vishay Siliconix SI3586DV-T1-E3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN823
Vishay Siliconix
www.vishay.com
2
Document Number: 71743
27-Feb-04
255 − 260_C
1X4_C/s (max)
3-6_C/s (max)
10 s (max)
Reflow Zone
Pre-Heating Zone
3_C/s (max)
140 − 170_C
Maximum peak temperature at 240_C is allowed.
FIGURE 3.
Solder Reflow Temperature and Time Durations
60-120 s (min)
217_C
60 s (max)
THERMAL PERFORMANCE
A basic measure of a device’s thermal performance is the
junction-to-case
thermal
resistance,
Rqjc,
or
the
junction-to-foot thermal resistance, Rqjf. This parameter is
measured for the device mounted to an infinite heat sink and
is therefore a characterization of the device only, in other
words, independent of the properties of the object to which the
device is mounted. Table 1 shows the thermal performance
of the TSOP-6.
TABLE 1.
Equivalent Steady State Performance—TSOP-6
Thermal Resistance Rqjf
30_C/W
SYSTEM AND ELECTRICAL IMPACT OF
TSOP-6
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 4).
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.1 A
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
FIGURE 4.
Si3434DV


Número de pieza similar - SI3586DV-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3586DV-T1-E3 VISHAY-SI3586DV-T1-E3 Datasheet
121Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. C, 20-Mar-06
logo
VBsemi Electronics Co.,...
SI3586DV-T1-E3 VBSEMI-SI3586DV-T1-E3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Descripción similar - SI3586DV-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com