Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT64W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BAT64W
Descripción Electrónicos  Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT64W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT64W Datasheet HTML 1Page - Siemens Semiconductor Group BAT64W Datasheet HTML 2Page - Siemens Semiconductor Group BAT64W Datasheet HTML 3Page - Siemens Semiconductor Group BAT64W Datasheet HTML 4Page - Siemens Semiconductor Group BAT64W Datasheet HTML 5Page - Siemens Semiconductor Group BAT64W Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BAT 64...W
Semiconductor Group
Sep-07-1998
1
Silicon Schottky Diodes
• For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
• Integrated diffused guard ring
• Low forward voltage
1
3
VSO05561
2
BAT 64-05W
BAT 64-06W
BAT 64-04W
BAT 64W
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BAT 64W
BAT 64-04W
BAT 64-05W
BAT 64-06W
63s
64s
65s
66s
Q62702-A1159
Q62702-A1160
Q62702-A1161
Q62702-A1162
1 = A
1 = A1
1 = A1
1 = C1
2 n.c.
2 = C2
2 = A2
2 = C2
SOT-323
3 = C
3 = C1/A2
3 = C1/2
3 = A1/2
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
40
V
VR
Forward current
IF
mA
250
120
IFAV
Average forward current (50/60Hz, sinus)
Surge forward current (t
< 100µs)
800
IFSM
Total power dissipation
BAT 64W ,
TS≤120°C Ptot
250
mW
Total power dissipat. BAT64-04/06W ,
TS≤111°C
250
Ptot
Total power dissipation BAR 64-05W ,
TS≤104°C Ptot
250
150
°C
Tj
Junction temperature
Storage temperature
Tstg
-55...+150
Semiconductor Group
1
1998-11-01


Número de pieza similar - BAT64W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BAT64W KEXIN-BAT64W Datasheet
49Kb / 2P
   Silicon Schottky Diodes
logo
Diodes Incorporated
BAT64W DIODES-BAT64W Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-13-F DIODES-BAT64W-13-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-7-F DIODES-BAT64W-7-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
More results

Descripción similar - BAT64W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
logo
Infineon Technologies A...
BAT-64-04W INFINEON-BAT-64-04W Datasheet
1Mb / 13P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2014-02-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com