Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4186DY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4186DY
Descripción Electrónicos  N-Channel 20-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4186DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4186DY Datasheet HTML 1Page - Vishay Siliconix SI4186DY Datasheet HTML 2Page - Vishay Siliconix SI4186DY Datasheet HTML 3Page - Vishay Siliconix SI4186DY Datasheet HTML 4Page - Vishay Siliconix SI4186DY Datasheet HTML 5Page - Vishay Siliconix SI4186DY Datasheet HTML 6Page - Vishay Siliconix SI4186DY Datasheet HTML 7Page - Vishay Siliconix SI4186DY Datasheet HTML 8Page - Vishay Siliconix SI4186DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4186DY
New Product
Document Number: 65152
S09-1532-Rev. A, 10-Aug-09
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
OR-ing
DC-DC Low-Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.0026 at VGS = 10 V
35.8
28.7 nC
0.0032 at VGS = 4.5 V
32.2
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4186DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
35.8
A
TC = 70 °C
26.5
TA = 25 °C
25.3b, c
TA = 70 °C
20.1b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5.4
TA = 25 °C
2.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
6.0
W
TC = 70 °C
3.3
TA = 25 °C
3.0b, c
TA = 70 °C
1.9b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
33
42
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
21


Número de pieza similar - SI4186DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4186DY VISHAY-SI4186DY Datasheet
217Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI4186DY-T1-GE3 VISHAY-SI4186DY-T1-GE3 Datasheet
228Kb / 9P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI4186DY VISHAY-SI4186DY_V01 Datasheet
228Kb / 9P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI4186DY VISHAY-SI4186DY_V02 Datasheet
217Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4186DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com