Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4200DY Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4200DY
Descripción Electrónicos  Dual N-Channel 25 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4200DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4200DY Datasheet HTML 1Page - Vishay Siliconix SI4200DY Datasheet HTML 2Page - Vishay Siliconix SI4200DY Datasheet HTML 3Page - Vishay Siliconix SI4200DY Datasheet HTML 4Page - Vishay Siliconix SI4200DY Datasheet HTML 5Page - Vishay Siliconix SI4200DY Datasheet HTML 6Page - Vishay Siliconix SI4200DY Datasheet HTML 7Page - Vishay Siliconix SI4200DY Datasheet HTML 8Page - Vishay Siliconix SI4200DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 66825
S10-2005-Rev. A, 06-Sep-10
www.vishay.com
3
Vishay Siliconix
Si4200DY
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0
0.5
1.0
1.5
2.0
VGS =10Vthru 4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0.012
0.017
0.022
0.027
0.032
0
6
12
18
24
30
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0
2468
10
ID =7.3 A
VDS =6.25V
VDS = 12.5 V
VDS =20V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
150
300
450
600
0
5
10
15
20
25
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS =10V; ID =7.3 A
VGS =4.5 V; ID =6.7 A
T
J - Junction Temperature (°C)


Número de pieza similar - SI4200DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4200DY VISHAY-SI4200DY Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
SI4200DY VISHAY-SI4200DY_V01 Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
More results

Descripción similar - SI4200DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com