Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4288DY Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI4288DY
Descripción Electrónicos  Dual N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4288DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4288DY Datasheet HTML 1Page - Vishay Siliconix SI4288DY Datasheet HTML 2Page - Vishay Siliconix SI4288DY Datasheet HTML 3Page - Vishay Siliconix SI4288DY Datasheet HTML 4Page - Vishay Siliconix SI4288DY Datasheet HTML 5Page - Vishay Siliconix SI4288DY Datasheet HTML 6Page - Vishay Siliconix SI4288DY Datasheet HTML 7Page - Vishay Siliconix SI4288DY Datasheet HTML 8Page - Vishay Siliconix SI4288DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 67078
S10-2768-Rev. A, 29-Nov-10
Vishay Siliconix
Si4288DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
49
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 5.2
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID= 250 µA
1.2
2.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 10 A
0.0165
0.0200
VGS = 4.5 V, ID = 7 A
0.019
0.023
Forward Transconductanceb
gfs
VDS = 15 V, ID = 10 A
35
S
Dynamica
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, ID = 1 MHz
580
pF
Output Capacitance
Coss
100
Reverse Transfer Capacitance
Crss
42
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
10
15
nC
VDS = 20 V, VGS = 4.5 V, ID = 10 A
4.9
7.4
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
1.5
Gate Resistance
Rg
f = 1 MHz
0.6
2.7
5.4
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
714
ns
Rise Time
tr
918
Turn-Off Delay Time
td(off)
16
32
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 4.5 V, Rg = 1 
12
24
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
13
26
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.6
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 3 A
0.77
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
15
30
ns
Body Diode Reverse Recovery Charge
Qrr
7.5
15
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
6


Número de pieza similar - SI4288DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4288DY TFUNK-SI4288DY Datasheet
261Kb / 10P
   Dual N-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4288DY VISHAY-SI4288DY Datasheet
192Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4288DY VISHAY-SI4288DY_V01 Datasheet
192Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4288DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com