Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4436DY-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI4436DY-T1-GE3
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4436DY-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4436DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4436DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 73664
S09-0322-Rev. B, 02-Mar-09
Vishay Siliconix
Si4436DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
25
50
75
100
125
150
ID = 250 µA
- 50
- 25
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 4.6 A
125 °C
25 °C
0
50
10
Time (s)
20
1
100
600
10
10-1
10-2
10-3
30
40
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
TA = 25 °C
Single Pulse
BVDSS Limited
Limited by RDS(on)*
1 ms
10 ms
100 ms
DC
1 s
10 s
100 µs


Número de pieza similar - SI4436DY-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI4436DY-T1-E3 VBSEMI-SI4436DY-T1-E3 Datasheet
993Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - SI4436DY-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com