Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4501BDY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4501BDY
Descripción Electrónicos  Complementary (N- and P-Channel) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4501BDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4501BDY Datasheet HTML 1Page - Vishay Siliconix SI4501BDY Datasheet HTML 2Page - Vishay Siliconix SI4501BDY Datasheet HTML 3Page - Vishay Siliconix SI4501BDY Datasheet HTML 4Page - Vishay Siliconix SI4501BDY Datasheet HTML 5Page - Vishay Siliconix SI4501BDY Datasheet HTML 6Page - Vishay Siliconix SI4501BDY Datasheet HTML 7Page - Vishay Siliconix SI4501BDY Datasheet HTML 8Page - Vishay Siliconix SI4501BDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
Si4501BDY
Document Number: 67441
S11-0245-Rev. A, 14-Feb-11
www.vishay.com
1
Complementary (N- and P-Channel) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Level Shift
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
N-Channel
30
0.017 at VGS = 10 V
12
7.9
0.020 at VGS = 4.5 V
11
P-Channel
- 8
0.027 at VGS = - 4.5 V
- 8
16.5
0.037 at VGS = - 2.5 V
- 6.8
S1
D
G1
D
S2
D
G2
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4501BDY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S2
G2
G1
S1
D
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 95 °C/W (N-Channel) and 110 °C/W (P-Channel).
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
- 8
V
Gate-Source Voltage
VGS
± 20
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12
- 8
A
TC = 70 °C
9.5
- 6.4
TA = 25 °C
9b, c
- 6.4b, c
TA = 70 °C
7.2b, c
- 5.1b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
40
- 40
Source-Drain Current Diode Current
TC = 25 °C
IS
4.0
- 2.8
TA = 25 °C
2.2b, c
- 1.8b, c
Pulsed Source-Drain Current
ISM
40
- 40
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5- 5
Single Pulse Avalanche Energy
EAS
1.25
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.5
3.1
W
TC = 70 °C
2.8
2.0
TA = 25 °C
2.5b, c
2b, c
TA = 70 °C
1.6b, c
1.28b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
40
50
52
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
22
28
32
40


Número de pieza similar - SI4501BDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
SI4501BDY-T1-GE3 VISHAY-SI4501BDY-T1-GE3 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
More results

Descripción similar - SI4501BDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115 ALD-ALD1115_11 Datasheet
85Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
ADL Embedded Solutions
ALD1115 ADL-ALD1115 Datasheet
70Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
2021
logo
Will Semiconductor Ltd.
WCM4616 WILLSEMI-WCM4616 Datasheet
2Mb / 9P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2068 WILLSEMI-WCM2068 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2070 WILLSEMI-WCM2070 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 12V,MOSFET
WCM2079 WILLSEMI-WCM2079 Datasheet
914Kb / 8P
   N- and P-Channel Complementary, 20V,MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com