Nombre de pieza
         Descripción
BAW56S

 Silicon Switching Diode Array (For high-speed switching applications Common anode) ( 4 Page)


SIEMENS
100% 
Zoom Out Zoom In
   
 4 page
background image
BAW 56S
Semiconductor Group
Sep-07-1998
4
Reverse current
IR = f (TA)
BAW 56
EHB00090
25 V
70 V
max.
= 70 V
R
V
typ.
5
5
5
1
2
3
4
5
10
10
R
Ι
nA
10
10
10
C
A
T
150
100
50
0
Forward voltage
VF = f (TA)
BAW 56
EHB00093
0.1 mA
1 mA
10 mA
= 100 mA
F
Ι
C
F
V
A
T
V
150
100
50
0
1.0
0.5
0
Semiconductor Group
4
1998-11-01
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BAW56Silicon Switching Diode Array For high-speed switching applications Common anode 1 2 3 4 Siemens Semiconductor Group
BAW56WSilicon Switching Diode Array For high speed switching applications Common anode 1 2 3 4 Siemens Semiconductor Group
BAV74Silicon Switching Diode Array For high-speed switching Common cathode 1 2 3 4 Siemens Semiconductor Group
BAV70SSilicon Switching Diode Array For high speed switching applications Common cathode 1 2 3 4 Siemens Semiconductor Group
BAV70WSilicon Switching Diode Array For high speed switching applications Common cathode 1 2 3 4 Siemens Semiconductor Group
BAV99SSilicon Switching Diode Array For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package 1 2 3 4 Siemens Semiconductor Group
BAS16SSilicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1 2 3 4 Siemens Semiconductor Group
BAW156Silicon Low Leakage Diode Array Low-leakage applications Medium speed switching times Common anode 1 2 3 4 Siemens Semiconductor Group
BAS28WSilicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1 2 3 4 Siemens Semiconductor Group
BAV170Silicon Low Leakage Diode Array Low leakage applications Medium speed switching times Common cathode 1 2 3 4 Siemens Semiconductor Group

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl