Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXYH82N120C3 Datasheet(PDF) 1 Page - IXYS Corporation

No. de pieza IXYH82N120C3
Descripción Electrónicos  1200V XPT IGBT GenX3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH82N120C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYH82N120C3 Datasheet HTML 1Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 2Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 3Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 4Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 5Page - IXYS Corporation IXYH82N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXYH82N120C3
V
CES
= 1200V
I
C110
= 82A
V
CE(sat)
≤≤≤≤≤ 3.2V
t
fi(typ)
= 93ns
DS100335(05/11)
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-247 AD
G
C
E
Tab
High-Speed IGBT
for 20-50 kHz Switching
Features
Optimized for Low Switching Losses
Square RBSOA
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
High Current Handling Capability
International Standard Package
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
1200
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
2.5
4.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 125°C
250 μA
I
GES
V
CE = 0V, VGE = ±20V
±100
nA
V
CE(sat)
I
C
= 82A, V
GE = 15V, Note 1
2.75
3.20
V
T
J = 125°C
3.50
V
Advance Technical Information
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
1200
V
V
CGR
T
J
= 25°C to 150°C, R
GE = 1MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
160
A
I
C110
T
C = 110°C
82
A
I
CM
T
C = 25°C, 1ms
320
A
I
A
T
C = 25°C
41
A
E
AS
T
C = 25°C
800
mJ
SSOA
V
GE = 15V, TVJ = 125°C, RG = 2Ω
I
CM = 164
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
P
C
T
C = 25°C
1040
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in.
Weight
6g
1200V XPTTM IGBT
GenX3TM


Número de pieza similar - IXYH82N120C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYH8N250CHV IXYS-IXYH8N250CHV Datasheet
255Kb / 6P
   High Voltage XPT IGBT
IXYH8N250CV1HV IXYS-IXYH8N250CV1HV Datasheet
220Kb / 7P
   High Voltage XPTTM IGBT w/ Diode
More results

Descripción similar - IXYH82N120C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXYH40N120C3 IXYS-IXYH40N120C3 Datasheet
173Kb / 6P
   1200V XPT IGBT GenX3
IXYH50N120C3 IXYS-IXYH50N120C3 Datasheet
176Kb / 6P
   1200V XPT IGBT GenX3
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
   GenX3 1200V IGBT
IXGH50N120C3 IXYS-IXGH50N120C3 Datasheet
176Kb / 6P
   GenX3 1200V IGBT
IXGH24N120C3H1 IXYS-IXGH24N120C3H1 Datasheet
146Kb / 6P
   GenX3 1200V IGBT
IXGH30N120B3D1 IXYS-IXGH30N120B3D1 Datasheet
221Kb / 7P
   GenX3 1200V IGBT
IXGA24N120C3 IXYS-IXGA24N120C3 Datasheet
196Kb / 6P
   GenX3 1200V IGBT
IXGH30N120C3H1 IXYS-IXGH30N120C3H1 Datasheet
188Kb / 6P
   GenX3 1200V IGBT
IXGH40N120C3 IXYS-IXGH40N120C3 Datasheet
177Kb / 6P
   GenX3 1200V IGBT
IXGH32N120A3 IXYS-IXGH32N120A3 Datasheet
202Kb / 6P
   GenX3 1200V
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com