Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4948BEY Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI4948BEY
Descripción Electrónicos  Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4948BEY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4948BEY_05 Datasheet HTML 1Page - Vishay Siliconix SI4948BEY_05 Datasheet HTML 2Page - Vishay Siliconix SI4948BEY_05 Datasheet HTML 3Page - Vishay Siliconix SI4948BEY_05 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Número de pieza similar - SI4948BEY_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4948BEY-E3 VISHAY-SI4948BEY-E3 Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
SI4948BEY-T1-E3 VISHAY-SI4948BEY-T1-E3 Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
logo
VBsemi Electronics Co.,...
SI4948BEY-T1-E3 VBSEMI-SI4948BEY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Vishay Siliconix
SI4948BEY VISHAY-SI4948BEY_V01 Datasheet
166Kb / 8P
   Dual P-Channel 60-V (D-S) 175째 MOSFET
01-Jan-2022
More results

Descripción similar - SI4948BEY_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SUP90P06-09L VISHAY-SUP90P06-09L_06 Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUM110P06-08L VISHAY-SUM110P06-08L_06 Datasheet
200Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 01-May-06
SI4948BEY VISHAY-SI4948BEY Datasheet
72Kb / 5P
   Dual P-Channel 60-V (D-S) 175 MOSFET
Rev. A, 15-Mar-04
SUP40N25-60 VISHAY-SUP40N25-60_07 Datasheet
199Kb / 4P
   N-Channel 250-V (D-S) 175 Celsius MOSFET
Rev. B, 23-Jul-07
SUM110P06-07L VISHAY-SUM110P06-07L_15 Datasheet
174Kb / 9P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 08-Jun-15
SI4948EY VISHAY-SI4948EY Datasheet
56Kb / 4P
   Dual P-Channel 60-V (D-S), 175C MOSFET
Rev. E, 29-Nov-99
SUM55P06-19L VISHAY-SUM55P06-19L_17 Datasheet
137Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 24-Dec-12
SUD17N25-165 VISHAY-SUD17N25-165_11 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
SUP28N15-52 VISHAY-SUP28N15-52_07 Datasheet
201Kb / 4P
   N-Channel 150-V (D-S) 175 Celsius MOSFET
Rev. B, 30-Jul-07
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com