Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5402BDC Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI5402BDC
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5402BDC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI5402BDC Datasheet HTML 2Page - Vishay Siliconix SI5402BDC Datasheet HTML 3Page - Vishay Siliconix SI5402BDC Datasheet HTML 4Page - Vishay Siliconix SI5402BDC Datasheet HTML 5Page - Vishay Siliconix SI5402BDC Datasheet HTML 6Page - Vishay Siliconix SI5402BDC Datasheet HTML 7Page - Vishay Siliconix SI5402BDC Datasheet HTML 8Page - Vishay Siliconix SI5402BDC Datasheet HTML 9Page - Vishay Siliconix SI5402BDC Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package Information
Vishay Siliconix
Document Number: 71151
15-Jan-04
www.vishay.com
1
1206-8 ChipFETR
c
E
E1
e
D
A
65
7
8
34
2
1
4
L
567
8
432
1
4
S
b
2X 0.10/0.13 R
Backside View
x
NOTES:
1.
All dimensions are in millimeaters.
2.
Mold gate burrs shall not exceed 0.13 mm per side.
3.
Leadframe to molded body offset is horizontal and vertical shall not exceed
0.08 mm.
4.
Dimensions exclusive of mold gate burrs.
5.
No mold flash allowed on the top and bottom lead surface.
DETAIL X
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
1.00
1.10
0.039
0.043
b
0.25
0.30
0.35
0.010
0.012
0.014
c
0.1
0.15
0.20
0.004
0.006
0.008
c1
0
0.038
0
0.0015
D
2.95
3.05
3.10
0.116
0.120
0.122
E
1.825
1.90
1.975
0.072
0.075
0.078
E1
1.55
1.65
1.70
0.061
0.065
0.067
e
0.65 BSC
0.0256 BSC
L
0.28
0.42
0.011
0.017
S
0.55 BSC
0.022 BSC
5_Nom
5_Nom
ECN: C-03528—Rev. F, 19-Jan-04
DWG: 5547


Número de pieza similar - SI5402BDC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
SI5402BDC VISHAY-SI5402BDC Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
SI5402BDC-T1-E3 VISHAY-SI5402BDC-T1-E3 Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
SI5402BDC VISHAY-SI5402BDC_08 Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
More results

Descripción similar - SI5402BDC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com