Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5908DC-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI5908DC-T1-E3
Descripción Electrónicos  Dual N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5908DC-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5908DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5908DC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73074
S10-0548-Rev. B, 08-Mar-10
Vishay Siliconix
Si5908DC
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.4
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 4.4 A
0.032
0.040
Ω
VGS = 2.5 V, ID = 4.1 A
0.036
0.045
VGS = 1.8 V, ID = 1.9 A
0.042
0.052
Forward Transconductancea
gfs
VDS = 10 V, ID = 4.4 A
22
S
Diode Forward Voltagea
VSD
IS = 0.9 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 4.4 A
57.5
nC
Gate-Source Charge
Qgs
0.85
Gate-Drain Charge
Qgd
1
Gate Resistance
Rg
1.9
Ω
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
20
30
ns
Rise Time
tr
36
55
Turn-Off Delay Time
td(off)
30
45
Fall Time
tf
12
20
Source-Drain Reverse Recovery Time
trr
IF = 0.9 A, dI/dt = 100 A/µs
45
90
Output Characteristics
0
4
8
12
16
20
0
1234
5
VGS = 5 V thru 2 V
VDS - Drain-to-Source Voltage (V)
1V
1.5 V
Transfer Characteristics
0
4
8
12
16
20
0.0
0.4
0.8
1.2
1.6
2.0
TC = - 55 °C
125
°C
25
°C
VGS - Gate-to-Source Voltage (V)


Número de pieza similar - SI5908DC-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5908DC-T1-E3 VISHAY-SI5908DC-T1-E3 Datasheet
97Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 06-Sep-04
More results

Descripción similar - SI5908DC-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com