Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI6968BEDQ Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI6968BEDQ
Descripción Electrónicos  Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968BEDQ Datasheet(HTML) 3 Page - Vishay Siliconix

  SI6968BEDQ Datasheet HTML 1Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 2Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 3Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 4Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 5Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 6Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 7Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 8Page - Vishay Siliconix SI6968BEDQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 72274
S-81221-Rev. C, 02-Jun-08
www.vishay.com
3
Vishay Siliconix
Si6968BEDQ
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
30
0
1234
5
VGS = 5 thru 3 V
2 V
2.5 V
VDS - Drain-to-Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.5 A
TJ - Junction Temperature (°C)
Transfer Characteristics
Gate Charge
Source-Drain Diode Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
25 °C
0
1
2
3
4
5
0
3
6
9
12
15
VDS = 10 V
ID = 6.5 A
Qg - Total Gate Charge (nC)
1.2
1.5
0.1
10
40
0
0.3
0.6
0.9
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1


Número de pieza similar - SI6968BEDQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ-T1 VISHAY-SI6968BEDQ-T1 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
SI6968BEDQ-T1-GE3 VISHAY-SI6968BEDQ-T1-GE3 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
More results

Descripción similar - SI6968BEDQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ_V01 Datasheet
256Kb / 11P
   Dual N-Channel 2.5 V (G-S) MOSFET Common Drain, ESD Protection
01-Jan-2022
logo
Guangdong Kexin Industr...
KI6968BEDQ KEXIN-KI6968BEDQ Datasheet
53Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
DinTek Semiconductor Co...
DTM8201 DINTEK-DTM8201 Datasheet
2Mb / 8P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
   Dual N-Channel MOSFET Common Drain, ESD Protection
logo
Vishay Siliconix
SI6966EDQ VISHAY-SI6966EDQ_V01 Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET, ESD Protected
01-Jan-2022
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com