Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7220DN-T1-E3 Datasheet(PDF) 11 Page - Vishay Siliconix

No. de pieza SI7220DN-T1-E3
Descripción Electrónicos  Dual N-Channel 60-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7220DN-T1-E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI7220DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI7220DN-T1-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72598
1
Revision: 14-Apr-08
RECOMMENDED MINIMUM PADS FOR PowerPAK® 1212-8 Dual
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.152
(3.860)
0.039
(0.990)
0.068
(1.725)
0.010
(0.255)
0.016
(0.405)
0.026
(0.660)
0.025
(0.635)
0.030
(0.760)
Return to Index
Return to Index
0.152
(3.860)
0.039
(0.990)
0.016
(0.405)
0.026
(0.660)
0.025
(0.635)
0.030
(0.760)
0.039
(0.990)
0.039
(0.990)
0.068
(1.725)
0.010
(0.225)
0.094
(2.390)
Recommended Minimum PADs for PowerPAK 1212-8 Dual
Dimensions in Inches/(mm)


Número de pieza similar - SI7220DN-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7220DN VISHAY-SI7220DN Datasheet
70Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
Vishay Telefunken
SI7220DN TFUNK-SI7220DN Datasheet
555Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7220DN VISHAY-SI7220DN Datasheet
558Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7220DN VISHAY-SI7220DN_V01 Datasheet
558Kb / 12P
   Dual N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7220DN-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com