Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7288DP Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI7288DP
Descripción Electrónicos  Dual N-Channel 40-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7288DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7288DP Datasheet HTML 1Page - Vishay Siliconix SI7288DP Datasheet HTML 2Page - Vishay Siliconix SI7288DP Datasheet HTML 3Page - Vishay Siliconix SI7288DP Datasheet HTML 4Page - Vishay Siliconix SI7288DP Datasheet HTML 5Page - Vishay Siliconix SI7288DP Datasheet HTML 6Page - Vishay Siliconix SI7288DP Datasheet HTML 7Page - Vishay Siliconix SI7288DP Datasheet HTML 8Page - Vishay Siliconix SI7288DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 65366
S09-2113-Rev. A, 12-Oct-09
Vishay Siliconix
Si7288DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID =5 mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.02
0.04
0.06
0.08
0.10
012
345
67
89
10
ID =8A
TJ = 125 °C
TJ = 25 °C
VGS - Gate-to-Source Voltage (V)
0
14
28
42
56
70
0
1
1
1
0
0
.
0
0.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 ms
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
1s
10 s
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Número de pieza similar - SI7288DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI7288DP TFUNK-SI7288DP Datasheet
326Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7288DP VISHAY-SI7288DP Datasheet
340Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7288DP-T1-GE3 VISHAY-SI7288DP-T1-GE3 Datasheet
340Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7288DP VISHAY-SI7288DP_15 Datasheet
322Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 12-Oct-09
SI7288DP VISHAY-SI7288DP_V01 Datasheet
340Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7288DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com