Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7946DP Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI7946DP
Descripción Electrónicos  Dual N-Channel 150-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7946DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7946DP_06 Datasheet HTML 1Page - Vishay Siliconix SI7946DP_06 Datasheet HTML 2Page - Vishay Siliconix SI7946DP_06 Datasheet HTML 3Page - Vishay Siliconix SI7946DP_06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7946DP
Dual N-Channel 150-V (D-S) MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 72375
S-60261
Rev. B, 27-Feb-06


Número de pieza similar - SI7946DP_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7946DP-T1 VISHAY-SI7946DP-T1 Datasheet
72Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 30-Jun-03
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7946DP_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7946ADP VISHAY-SI7946ADP Datasheet
378Kb / 13P
   Dual N-Channel 150 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM4890N ANALOGPOWER-AM4890N Datasheet
364Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
AM4892N ANALOGPOWER-AM4892N Datasheet
363Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7956DP VISHAY-SI7956DP_V01 Datasheet
309Kb / 12P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7738DP VISHAY-SI7738DP Datasheet
132Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 14-Apr-08
SI7956DP VISHAY-SI7956DP Datasheet
206Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7946DP VISHAY-SI7946DP Datasheet
72Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 30-Jun-03
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com