Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9102 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI9102
Descripción Electrónicos  3-W High-Voltage Switchmode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9102 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9102_07 Datasheet HTML 1Page - Vishay Siliconix SI9102_07 Datasheet HTML 2Page - Vishay Siliconix SI9102_07 Datasheet HTML 3Page - Vishay Siliconix SI9102_07 Datasheet HTML 4Page - Vishay Siliconix SI9102_07 Datasheet HTML 5Page - Vishay Siliconix SI9102_07 Datasheet HTML 6Page - Vishay Siliconix SI9102_07 Datasheet HTML 7Page - Vishay Siliconix SI9102_07 Datasheet HTML 8Page - Vishay Siliconix SI9102_07 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 70001
S-70497-Rev. H, 19-Mar-07
Vishay Siliconix
Si9102
TIMING WAVEFORMS
TYPICAL CHARACTERISTICS
Figure 1.
DRAIN
SOURCE
0
0
VCC -
10 %
1.5 V -
50 %
td
tr ≤ 10 ns
Figure 2.
DRAIN
0
0 -
VCC
VCC -
SHUTDOWN
10 %
50 %
tf ≤ 10 ns
tSD
Figure 3.
0 -
RESET
0 -
VCC
VCC
SHUTDOWN
50 %
50 %
50 %
50 %
tSW
tLW
tRW
tr, tf ≤ 10 ns
50 %
Figure 4. + VIN vs. + IIN at Start-Up
VCC = - VIN
140
120
100
80
60
40
20
0
10
15
20
+IIN (mA)
Figure 5. Output Switching Frequency
vs. Oscillator Resistance
1 M
10 k
100 k
10 k
100 k
1 M
rOSC - Oscillator Resistance (Ω)


Número de pieza similar - SI9102_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9102N02-E3 VISHAY-SI9102N02-E3 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
More results

Descripción similar - SI9102_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com