Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8902EDB-T2-E1 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI8902EDB-T2-E1
Descripción Electrónicos  Bi-Directional N-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8902EDB-T2-E1 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI8902EDB-T2-E1 Datasheet HTML 1Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 2Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 3Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 4Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 5Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 6Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 7Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 8Page - Vishay Siliconix SI8902EDB-T2-E1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN824
Vishay Siliconix
Document Number: 71990
06-Jan-03
www.vishay.com
1
PCB Design and Assembly Guidelines
For MICRO FOOTr Products
Johnson Zhao
INTRODUCTION
Vishay Siliconix’s MICRO FOOT product family is based on a
wafer-level chip-scale packaging (WL-CSP) technology that
implements a solder bump process to eliminate the need for an
outer package to encase the silicon die. MICRO FOOT
products include power MOSFETs, analog switches, and
power ICs.
For battery powered compact devices, this new packaging
technology reduces board space requirements, improves
thermal performance, and mitigates the parasitic effect typical
of leaded packaged products. For example, the 6−bump
MICRO FOOT Si8902EDB common drain power MOSFET,
which measures just 1.6 mm x 2.4 mm, achieves the same
performance as TSSOP−8 devices in a footprint that is 80%
smaller and with a 50% lower height profile (Figure 1). A
MICRO FOOT analog switch, the 6−bump DG3000DB, offers
low charge injection and 1.4 W on−resistance in a footprint
measuring just 1.08 mm x 1.58 mm (Figure 2).
Vishay Siliconix MICRO FOOT products can be handled with
the same process techniques used for high-volume assembly
of packaged surface-mount devices. With proper attention to
PCB and stencil design, the device will achieve reliable
performance without underfill. The advantage of the device’s
small footprint and short thermal path make it an ideal option
for space-constrained applications in portable devices such as
battery packs, PDAs, cellular phones, and notebook
computers.
This application note discusses the mechanical design and
reliability of MICRO FOOT, and then provides guidelines for
board layout, the assembly process, and the PCB rework
process.
FIGURE 1. 3D View of MICRO FOOT Products Si8902DB and
Si8900EDB
FIGURE 2. Outline of MICRO FOOT CSP & Analog
Switch DG3000DB
0.18 ~ 0.25
32
1
A
B
0.5
1.58
0.5
0.285
0.285
1.08


Número de pieza similar - SI8902EDB-T2-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI8902EDB VISHAY-SI8902EDB Datasheet
193Kb / 4P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8902EDB VISHAY-SI8902EDB Datasheet
249Kb / 10P
   Bi-Directional N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8902EDB VISHAY-SI8902EDB_V01 Datasheet
249Kb / 10P
   Bi-Directional N-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Descripción similar - SI8902EDB-T2-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB_V01 Datasheet
249Kb / 10P
   Bi-Directional N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI8900EDB VISHAY-SI8900EDB Datasheet
56Kb / 5P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. D, 26-Aug-02
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SIF902EDZ VISHAY-SIF902EDZ Datasheet
106Kb / 6P
   Bi-Directional N-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI8901EDB VISHAY-SI8901EDB_06 Datasheet
190Kb / 4P
   Bi-Directional P-Channel 20-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI8901EDB VISHAY-SI8901EDB Datasheet
220Kb / 3P
   Bi-Directional P-Channel 20-V (D-S) MOSFET
19-Apr-04
SI8901EDB VISHAY-SI8901EDB_V01 Datasheet
101Kb / 6P
   Bi-Directional P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI8904EDB VISHAY-SI8904EDB_V01 Datasheet
103Kb / 6P
   Bi-Directional N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SIF912EDZ VISHAY-SIF912EDZ Datasheet
65Kb / 5P
   Bi-Directional N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com