Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9113 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI9113
Descripción Electrónicos  High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9113 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9113_04 Datasheet HTML 1Page - Vishay Siliconix SI9113_04 Datasheet HTML 2Page - Vishay Siliconix SI9113_04 Datasheet HTML 3Page - Vishay Siliconix SI9113_04 Datasheet HTML 4Page - Vishay Siliconix SI9113_04 Datasheet HTML 5Page - Vishay Siliconix SI9113_04 Datasheet HTML 6Page - Vishay Siliconix SI9113_04 Datasheet HTML 7Page - Vishay Siliconix SI9113_04 Datasheet HTML 8Page - Vishay Siliconix SI9113_04 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Si9113
Vishay Siliconix
www.vishay.com
2
Document Number: 71093
S-40746—Rev. B. 19-Apr-04
ABSOLUTE MAXIMUM RATINGS
VIN
220 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic Inputs (OSC IN, OSC OUT, PWR_GOOD)
−0.3 V to VCC + 0.3 V
. . .
or "10 mA
Linear Inputs (FB, VREF, SENSE, SS)
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . .
Storage Temperature
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
14-Pin SOIC (Y Suffix)b
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
14-Pin SOIC
140_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.2 mW/_C above 25_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VIN
23.5 V to 200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
10 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputs
0 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Linear Outputs
0 V to VCC − 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FOSC
30 kHz to 500 kHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
Limits
−40 to 85_C
Parameter
Symbol
p
VCC = 10 V, +VIN = 48 V, ROSC = 390 kW
Tempb
Minc
Typd
Maxc
Unit
Reference
Output Voltage
VREF
OSCIN = − VIN (OSC Disabled)
RL = 10 MW
Room
Full
1.275
1.26
1.3
1.3
1.325
1.34
V
Short Circuit Current
ISREF
VREF = −VIN
Room
−25
−10
mA
Load Regulation
DVREF
IREF = 0 to −0.5 mA
Full
"10
40
mV
Line Regulation
DVREF
VCC = 10 to 14 V
Full
"2
5
mV
UVLO
Under Voltage Lockout
VUVSTART
Turn-On
Full
8.10
8.8
9.50
V
Under Voltage Lockout
VUVSTOP
Turn-Off
Full
8.10
8.8
9.50
V
Input Bias Current
ISTART
VSTOP = 8 V VSTART = 8 V
Room
0.05
mA
Input Bias Current
ISTOP
VSTOP = 8 V, VSTART = 8 V
Room
0.05
mA
Pre-Regulated VCC
VREG
Room
8.5
9.0
9.5
UVLO for VCC
VCCUV
Room
7.9
8.4
8.9
V
VREG − VCCUV
VD
Room
0.3
0.6
PWR_Good Comparator
Rise Time
trpg
CPWR G d = 100 nF
Room
35
mS
Fall Time
tfpg
CPWR_Good = 100 nF
Room
25
mS
Output Logic Low
ISINK = 2.5 mA
Room
0.4
0.8
V
Soft-Start
SS Current
ISS
Room
11
mA
Output Inhibit Voltage
VSS
Room
3.3
V
Oscillator
Maximum Frequencye
fMAX
ROSC = 0
Room
500
Initial Accuracy
fOSC
ROSC = 390 k (Note f)
Room
80
100
120
kHz
Initial Accuracy
fOSC
ROSC = 180 k (Note f)
Room
160
200
240
Voltage Stability
Df/f
Df/f = (f [14 V] − f [10 V]) / f [10 V]
Room
10
15
%
Temperature Coefficiente
TOSC
Full
450
650
ppm/_C
Maximum Duty Cycle
DMAX
fOSC = 100 kHz
Room
50
%


Número de pieza similar - SI9113_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9113DB VISHAY-SI9113DB Datasheet
201Kb / 11P
   SI9113 Demonstration Board
29-Feb-00
SI9113DY VISHAY-SI9113DY Datasheet
146Kb / 12P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Rev. B. 19-Apr-04
SI9113 VISHAY-SI9113_V01 Datasheet
148Kb / 12P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
01-Jan-2022
More results

Descripción similar - SI9113_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9113 VISHAY-SI9113 Datasheet
98Kb / 10P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Rev. A . 29-Nov-99
SI9113DY VISHAY-SI9113DY Datasheet
146Kb / 12P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Rev. B. 19-Apr-04
SI9113 VISHAY-SI9113_V01 Datasheet
148Kb / 12P
   High-Voltage Current Mode PWM Controller for ISDN Power Supplies
01-Jan-2022
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com