Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9111DY-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI9111DY-T1
Descripción Electrónicos  High-Voltage Switchmode Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9111DY-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI9111DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 8Page - Vishay Siliconix SI9111DY-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 70004
S11-0975-Rev. I, 16-May-11
Vishay Siliconix
Si9110, Si9111
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION (CONT’D)
Oscillator Section
The oscillator consists of a ring of CMOS inverters,
capacitors, and a capacitor discharge switch. Frequency is
set by an external resistor between the OSC IN and OSC
OUT pins. (See Figure 5 for details of resistor value vs.
frequency.) The DISCHARGE pin should be tied to - VIN for
normal internal oscillator operation. A frequency divider in
the logic section limits switch duty cycle to
 50 % by locking
the switching frequency to one half of the oscillator
frequency.
Remote synchronization is accomplished by capacitive
coupling of a positive SYNC pulse into the OSC IN (pin 8)
terminal. For a 5 V pulse amplitude and 0.5 µs pulse width,
typical values would be 100 pF in series with 3 k
 to pin 8.
SHUTDOWN and RESET
SHUTDOWN (pin 11) and RESET (pin 12) are intended for
overriding the output MOSFET switch via external control
logic. The two inputs are fed through a latch preceding the
output switch. Depending on the logic state of RESET,
SHUTDOWN can be either a latched or unlatched input. The
output
is
off
whenever
SHUTDOWN
is
low.
By
simultaneously having SHUTDOWN and RESET low, the
latch is set and SHUTDOWN has no effect until RESET goes
high. The truth table for these inputs is given in Table 1.
Table 1. Truth Table for the SHUTDOWN and RESET Pins
Both pins have internal current source pull-ups and should
be left disconnected when not in use. An added feature of the
current sources is the ability to connect a capacitor and an
open-collector driver to the SHUTDOWN or RESET pins to
provide variable shutdown time.
Output Driver
The push-pull driver output has a typical on-resistance of
20
 . Maximum switching times are specified at 75 ns for a
500 pF load. This is sufficient to directly drive MOSFETs
such as the 2N7004, 2N7005, IRFD120 and IRFD220.
Larger devices can be driven, but switching times will be
longer, resulting in higher switching losses. In order to drive
large MOSPOWER devices, it is necessary to use an
external driver IC, such as the Vishay Siliconix D469A. The
D469A can switch very large devices such as the
SMM20N50 (500 V, 0.3
) in approximately 100 ns.
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70004.
SHUTDOWN
RESET
Output
H
H
Normal Operation
H
Normal Operation (No Change)
L
H
Off (Not Latched)
L
L
Off (Latched)
L
Off (Latched, No Change)
Figure 6. 5 Watt Power Supply for Telecom Applications
Si9110
GND
FEEDBACK
- 48 V
240 k
390 k
13
14
6
10
1
59
2
8
7
4
3
150 k
3 k
100 pF
2N7004
18 k
12 k
1N5822
1N5819
1N4148
VCC
20 µF
0.1 µF
0.022 µF
0.1 µF
1 µF
220 µF
47 µF
OSC SYNC PULSE
(If Needed)
+ 5 V
at 0.75 A
- 5 V
at 0.25 A
To Pin 6 VCC
Feedback
To Pin 14
1
Ω
1/2 W


Número de pieza similar - SI9111DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9111DY-T1 VISHAY-SI9111DY-T1 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9111DY-T1-E3 VISHAY-SI9111DY-T1-E3 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
More results

Descripción similar - SI9111DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com