Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9135 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI9135
Descripción Electrónicos  SMBus Multi-Output Power-Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9135 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9135_11 Datasheet HTML 1Page - Vishay Siliconix SI9135_11 Datasheet HTML 2Page - Vishay Siliconix SI9135_11 Datasheet HTML 3Page - Vishay Siliconix SI9135_11 Datasheet HTML 4Page - Vishay Siliconix SI9135_11 Datasheet HTML 5Page - Vishay Siliconix SI9135_11 Datasheet HTML 6Page - Vishay Siliconix SI9135_11 Datasheet HTML 7Page - Vishay Siliconix SI9135_11 Datasheet HTML 8Page - Vishay Siliconix SI9135_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 70817
S11-0975-Rev. D, 16-May-11
www.vishay.com
3
Vishay Siliconix
Si9135
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
SPECIFICATIONS
Parameter
Specific Test Conditions
VIN = 15 V, IVL = IREF = 0 mA
TA = 0 °C to 90 °C, All Converters ON
Limits
Unit
Min.a
Typ.b
Max.a
Internal Regulator
VL Output
All Converters OFF, VIN > 5.5 V, 0 < IL < 30 mA
4.7
5.5
V
VL Fault Lockout Voltage
3.6
4.2
VL Fault Lockout Hysteresis
75
mV
VL /FB5 Switchover Voltage
4.2
4.7
V
VL /FB5 Switchover Hysteresis
75
mV
Reference
REF Output
No External Load
3.24
3.30
3.36
V
REF Load Regulation
0 to 1 mA
30
75
mV
Supply Current
Supply Current - Shutdown
All Converters OFF, No Load
35
60
µA
Supply Current - Operation
All Converters ON, No Load, FOCS = 200 kHz
1100
1800
Oscillator
Oscillator Frequency
SYNC tied to REF
270
300
330
kHz
SYNC tied to GND or VL
180
200
220
SYNC High-Pulse Width
200
nsec
SYNC Low-Pulse Width
200
SYNC Rise/Fall Range
200
SYNC VIL
0.8
V
SYNC VIH
VL - 0.5
Oscillator SYNC Range
250
400
kHz
Maximum Duty Cycle
SYNC tied to GND or VL
92
95
%
SYNC tied to REF
89
92
Outputs
Gate Driver Sink/Source Current (Buck)
DL3, DH3, DL5, DH5 Forced to 2 V
1
A
Gate Driver On-Resistance (Buck)
High or Low
2
7
Gate Driver Sink/Source Current (Flyback)
DHFY, DLFY Forced to 2 V
0.2
A
Gate Driver On-Resistance (Flyback)
High or Low
15
SCL, SDA
VIL
0.6
V
VIH
1.4


Número de pieza similar - SI9135_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9135LG VISHAY-SI9135LG Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
More results

Descripción similar - SI9135_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. A, 16-Dec-02
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
Vishay Siliconix
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
   Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Rev. B, 13-May-02
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com