Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9176DH-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI9176DH-T1
Descripción Electrónicos  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9176DH-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9176DH-T1 Datasheet HTML 1Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 2Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 3Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 4Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 5Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 6Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 7Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 8Page - Vishay Siliconix SI9176DH-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Si9176
Vishay Siliconix
www.vishay.com
4
Document Number: 71753
S-41148—Rev. C, 14-Jun-04
PIN CONFIGURATION
10
LX
PGND
FB
AGND
MSOP-10
AGND
VIN
1
2
3
9
8
REF
MODE
Top View
56
VDD
SD
47
2
3
4
10
9
8
7
LX
AGND
FB
VDD
PGND
VIN
AGND
SD
Top View
5
REF
6
MODE
MLP33
PIN DESCRIPTION
Pin Number
Name
Function
1
LX
Inductor connection
2
AGND
Low power analog ground
3
FB
Output voltage feedback
4
VDD
Input supply voltage for the analog circuit.
5
REF
Internal reference, no connection should be made to this pin.
6
MODE
Used to select switching mode of the buck converter
PWM/PSM Pin Logic:
MODE Pin
Operating Mode
VIN
PWM
Open
PSM
GND
AUTO
7
SD
Logic low disables IC and reduces quiescent current to below 2 mA
8
AGND
Must be connected to AGND.
9
VIN
Input supply voltage
10
PGND
Low impedance power ground
ORDERING INFORMATION
MSOP-10
MLP33
Standard
Part Number
Marking
Temperature
Standard
Part Number
Lead (Pb)-Free
Part Number
Marking
Temperature
Si9176DH-T1
9176
−40 to 85_C
Si9176DM-T1
Si9176DM-T1—E3
9176
−40 to 85_C
Additional voltage options are available.
Eval Kit
Temperature Range
Board
Si9176DB
−40 to 85_C
Surface Mount


Número de pieza similar - SI9176DH-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9176DH-T1 VISHAY-SI9176DH-T1 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
More results

Descripción similar - SI9176DH-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com