Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9175DM-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI9175DM-T1-E3
Descripción Electrónicos  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9175DM-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9175DM-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9175DM-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Si9175
Vishay Siliconix
Document Number: 71728
S-41148—Rev. C, 14-Jun-04
www.vishay.com
1
High Performance Step-Down DC-DC Converter
With Adjustable Output Voltage
FEATURES
D 2-MHz PWM Operation
D Integrated MOSFET Switches
D 2.6-V to 6.0-V Input Voltage Range
D Minimal Number of External Components
D Up to 96% conversion efficiency
D 600-mA Load Capability
D 100% Duty Cycle Allows Low Dropout
D Integrated Compensation Circuit
D Over-Current Protection
D Shutdown Current < 2 mA
D Thermal Shutdown
D Integrated UVLO
D 10-Pin MSOP and Space Saving MLP33 Packaging
D Synchronizable to13-MHz Clock
D User Selectable PWM, PSM, or AUTO Mode
D PSM Frequency w20 kHz for Inaudible
Harmonics
APPLICATIONS
D W-CDMA Cell Phone
D PDAs/Palmtop PCs
D LCD Modules
D Portable Image Scanners
D GPS Receivers
D Smart Phones
D MP3 Players
D 3G Cell Phone
D Digital Cameras
DESCRIPTION
The Si9175 is a high efficiency 600-mA step down converter
with internal low on resistance power MOSFET switch and
synchronous rectifier transistors. It is designed to convert one
cell LiIon battery or three cell alkaline battery voltages to a
dynamically adjustable dc output.
The integrated high
frequency error amplifier with internal compensation
minimizes external components.
In order to insure efficient conversion throughout the entire
load range, PWM (pulse width modulation), PSM (pulse
skipping mode) or Auto mode can be selected. In PWM mode,
2-MHz switching permits use of small external inductor and
capacitor sizes allowing one of the smallest solutions. To
minimize system noise, the switching frequency can be
synchronized to an external 13-MHz clock.
PSM mode provides increased efficiency at light loads. In PSM
mode the oscillator frequency is kept above 20 kHz to avoid
audio band interference. When operating in Auto mode, the
converter automatically selects operating in either PWM or
PSM mode according to load current demand.
The Si9175 is available in the10-pin MSOP and the even
smaller MLP33 package and is specified to operate over the
industrial temperature range of –40_C to 85_C. The Si9175
packaged in the MLP33 package is available in both standard
and lead (Pb)-free.
TYPICAL APPLICATIONS CIRCUIT
PWM/PSM/AUTO
ENABLE
13 MHz
BATTERY
LX
VIN
SYNC
SD
MODE
PGND
FB
AGND
VOUT
Si9175
2.2 mH
COUT
4.7 mF
CIN
10 mF
VDD
R2
R1
REF
REF


Número de pieza similar - SI9175DM-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9175DB VISHAY-SI9175DB Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175DH-T1 VISHAY-SI9175DH-T1 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
More results

Descripción similar - SI9175DM-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com