Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9200EY-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI9200EY-T1-E3
Descripción Electrónicos  CAN Bus Driver and Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9200EY-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9200EY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9200EY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9200EY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9200EY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9200EY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9200EY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Vishay Siliconix
Package Information
Document Number: 71192
11-Sep-06
www.vishay.com
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S


Número de pieza similar - SI9200EY-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9200EY VISHAY-SI9200EY Datasheet
69Kb / 4P
   CAN Bus Driver and Receiver
Rev. B, 27-Sep-96
More results

Descripción similar - SI9200EY-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9200EY VISHAY-SI9200EY Datasheet
69Kb / 4P
   CAN Bus Driver and Receiver
Rev. B, 27-Sep-96
SI9200 VISHAY-SI9200_V01 Datasheet
135Kb / 6P
   CAN Bus Driver and Receiver
01-Jan-2022
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
   BUS DRIVER / RECEIVER
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
logo
Nexperia B.V. All right...
74LVT1403 NEXPERIA-74LVT1403 Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT1403 PHILIPS-74LVT1403 Datasheet
70Kb / 10P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Renesas Technology Corp
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
   Bus Interface Driver/Receiver IC
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com