Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9731DB Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI9731DB
Descripción Electrónicos  uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9731DB Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9731DB Datasheet HTML 1Page - Vishay Siliconix SI9731DB Datasheet HTML 2Page - Vishay Siliconix SI9731DB Datasheet HTML 3Page - Vishay Siliconix SI9731DB Datasheet HTML 4Page - Vishay Siliconix SI9731DB Datasheet HTML 5Page - Vishay Siliconix SI9731DB Datasheet HTML 6Page - Vishay Siliconix SI9731DB Datasheet HTML 7Page - Vishay Siliconix SI9731DB Datasheet HTML 8Page - Vishay Siliconix SI9731DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 71321
S09-2249-Rev. C, 26-Oct-09
www.vishay.com
5
Vishay Siliconix
Si9731
Notes:
a. "OK to Charge" is a flag signal that is enabled by satisfying all the following conditions:
1. Battery voltage is below 5 V
2. Charger voltage is greater than 3 V but below 12.8 V
3. If MAINCHARGEEN = Logic Low, VCHARGER > VBAT + 40 mV,
If MAINCHARGEEN = Logic High, VCHARGER > VBAT - 40 mV
4. ON/OFF pin is at logic high.
b. Q1 drive is determined by the error amplifier during constant voltage mode.
Q1 drive is a combination of Q1 drive (digital) and the output of the error amplifier using the analog adder. The combinations are:
TABLE 1: BATTERY CHARGING CONTROL LOGIC Nominal Voltage Values
VCHARGER
TRICKLE
CHARGEEN
CVMODE
MAIN
CHARGEEN
ON/OFF
Q1b
Q2
Mode
Not Present
X
X
X
X
OFF
OFF
Not Charging
Not Present
OK to Chargea
X
X
X
X
OFF
OFF
Not Charging
Over Voltage
VCHARGER > 12.8 V
X
X
X
X
OFF
OFF
Not Charging
Present
OK to Chargea
X
X
X
LOW
OFF
OFF
Not Charging (Shutdown)
LOW
LOW
LOW
HIGH
OFF
ON
Trickle Charge
HIGH
LOW
LOW
HIGH
OFF
OFF
Not Charging
(Current pulse off during Constant
Current Charge)
LOW
LOW
HIGH
HIGH
ON
OFF
Constant Current Charge
(current pulse on)
HIGH
LOW
HIGH
HIGH
ON
OFF
LOW
HIGH
LOW
HIGH
OFF
OFF
Not Charging
(Current pulse off during Constant
Current Charge with output limited
to 4.1 V/4.2 V or end of charge in Li-Ion
charging)
HIGH
HIGH
LOW
HIGH
OFF
OFF
LOW
HIGH
HIGH
HIGH
ON
OFF
Constant Current Charge
(Output Limited to 4.1 V/4.2 V or
Constant Voltage Charge)
HIGH
HIGH
HIGH
HIGH
ON
OFF
TABLE 2
Q1 Drive (Digital)
Output of Error Amplifier
Q1 Drive
LOW
LOW
LOW (fully off)
LOW
Intermediate
Intermediate (linear mode)
HIGH
LOW
HIGH (fully on)
HIGH
HIGH
Should Never Happen


Número de pieza similar - SI9731DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9731DB VISHAY-SI9731DB Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
More results

Descripción similar - SI9731DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
   2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Shanghai Consonance Ele...
CN3763 CONSONANCE-CN3763 Datasheet
211Kb / 11P
   Standalone 3-Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com