Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI9913DY Datasheet(PDF) 4 Page - Vishay Siliconix |
|
SI9913DY Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 9 page Si9913 Vishay Siliconix www.vishay.com 4 Document Number: 71343 S-40133—Rev. B, 16-Feb-04 PIN CONFIGURATION GND SO-8 5 6 7 8 Top View 2 3 4 1 OUTH VS IN BOOT VDD SYN OUTL PIN DESCRIPTION Pin Number Name Function 1 OUTH Output drive for upper MOSFET. 2 GND Ground supply 3 IN CMOS level input signal. Controls both output drives. 4 SYN Synchronous enable. When logic is high, the low-side driver is enabled. 5 OUTL Output drive for lower MOSFET. 6 VDD Input power supply 7 BOOT Floating bootstrap supply for the upper MOSFET 8 VS Floating GND for the upper MOSFET. VS is connected to the buck switching node and the source side of the upper MOSFET. ORDERING INFORMATION Part Number Temperature Range Package Si9913DY Bulk Si9913DY-T1 −40 to 85_C Tape and Reel Si9913DY-T1—E3 Lead (Pb)-Free Tape and Reel Eval Kit Temperature Range Board Type Si9913DB −40 to 85_C Surface Mount TYPICAL WAVEFORMS Driver On Switch Delay Si9912 tr, tf, tpd Driver Off Switch Delay VS OUTH OUTL IN VS OUTH OUTL IN Si9912 tr, tf, tpd CL = Si4412DY CL = Si4412DY See Figure 1 See Figure 1 |
Número de pieza similar - SI9913DY |
|
Descripción similar - SI9913DY |