Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9934BDY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI9934BDY
Descripción Electrónicos  Dual P-Channel 2.5-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9934BDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9934BDY_06 Datasheet HTML 1Page - Vishay Siliconix SI9934BDY_06 Datasheet HTML 2Page - Vishay Siliconix SI9934BDY_06 Datasheet HTML 3Page - Vishay Siliconix SI9934BDY_06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si9934BDY
Dual P-Channel 2.5-V (G-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 5-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 73465
S-60409
Rev. B, 20-Mar-06


Número de pieza similar - SI9934BDY_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9934BDY-E3 VISHAY-SI9934BDY-E3 Datasheet
55Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. C, 23-Aug-04
SI9934BDY-T1-E3 VISHAY-SI9934BDY-T1-E3 Datasheet
55Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. C, 23-Aug-04
SI9934BDY VISHAY-SI9934BDY_V01 Datasheet
94Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI9934BDY_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com