Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIA408DJ-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SIA408DJ-T1-GE3
Descripción Electrónicos  N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA408DJ-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIA408DJ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIA408DJ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 69255
S10-2546-Rev. D, 08-Nov-10
Vishay Siliconix
SiA408DJ
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
30
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.6
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS 10 V, ID = 5.3 A
0.030
0.036
VGS 4.5 V, ID = 5.1 A
0.032
0.039
VGS 2.5 V, ID = 2.5 A
0.040
0.053
Forward Transconductancea
gfs
VDS = 10 V, ID = 5.3 A
20
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
830
pF
Output Capacitance
Coss
130
Reverse Transfer Capacitance
Crss
60
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 7.8 A
16
24
nC
VDS = 15 V, VGS = 4.5 V, ID = 7.8 A
711
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
1.7
Gate Resistance
Rg
f = 1 MHz
0.6
3
6
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.4 
ID  6.2 A, VGEN = 4.5 V, Rg = 1 
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
15
25
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 2.4 
ID  6.2 A, VGEN = 10 V, Rg = 1 
10
15
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
4.5
A
Pulse Diode Forward Current
ISM
20
Body Diode Voltage
VSD
IS = 6.2 A, VGS 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 6.2 A, dI/dt = 100 A/µs, TJ = 25 °C
20
40
ns
Body Diode Reverse Recovery Charge
Qrr
15
30
nC
Reverse Recovery Fall Time
ta
13
ns
Reverse Recovery Rise Time
tb
7


Número de pieza similar - SIA408DJ-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SIA408DJ TFUNK-SIA408DJ Datasheet
186Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Descripción similar - SIA408DJ-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com