Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIB455EDK Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SIB455EDK
Descripción Electrónicos  P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB455EDK Datasheet(HTML) 6 Page - Vishay Siliconix

  SIB455EDK Datasheet HTML 1Page - Vishay Siliconix SIB455EDK Datasheet HTML 2Page - Vishay Siliconix SIB455EDK Datasheet HTML 3Page - Vishay Siliconix SIB455EDK Datasheet HTML 4Page - Vishay Siliconix SIB455EDK Datasheet HTML 5Page - Vishay Siliconix SIB455EDK Datasheet HTML 6Page - Vishay Siliconix SIB455EDK Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 65599
S09-2682-Rev. A, 14-Dec-09
Vishay Siliconix
SiB455EDK
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65599.
Normalized Thermal Transient Impedance, Junction-to-Ambient
1
0.1
0.01
10-3
10-2
1
10
1000
10-1
10-4
100
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
Single Pulse
0.1
0.2
0.05
0.02
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 105 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
10-1
10-4
1
0.1
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
Single Pulse
0.02
0.05
0.1
0.2


Número de pieza similar - SIB455EDK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIB452DK VISHAY-SIB452DK Datasheet
230Kb / 9P
   N-Channel 190-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIB452DK-T1-GE3 VISHAY-SIB452DK-T1-GE3 Datasheet
260Kb / 9P
   N-Channel 190 V (D-S) MOSFET
01-Jan-2022
SIB452DK VISHAY-SIB452DK_V01 Datasheet
260Kb / 9P
   N-Channel 190 V (D-S) MOSFET
01-Jan-2022
SIB456DK VISHAY-SIB456DK Datasheet
224Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 21-May-12
logo
Vishay Telefunken
SIB456DK TFUNK-SIB456DK Datasheet
224Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Descripción similar - SIB455EDK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com