Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIC413 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SIC413
Descripción Electrónicos  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC413 Datasheet HTML 3Page - Vishay Siliconix SIC413 Datasheet HTML 4Page - Vishay Siliconix SIC413 Datasheet HTML 5Page - Vishay Siliconix SIC413 Datasheet HTML 6Page - Vishay Siliconix SIC413 Datasheet HTML 7Page - Vishay Siliconix SIC413 Datasheet HTML 8Page - Vishay Siliconix SIC413 Datasheet HTML 9Page - Vishay Siliconix SIC413 Datasheet HTML 10Page - Vishay Siliconix SIC413 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Vishay Siliconix
SiC413
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
7
ELECTRICAL CHARACTERISTICS
System starts up with EN pin becoming HIGH while
VIN is ready. VIN = 12 V, VO = 3.3 V and IO is preset to about
3 A. Resistive load.
VO ripple and VSW switching waveform. VIN = 12 V,
VO = 3.3 V and L = 10 µH (IHLP2525EZ type). CO consists
of MLCC of 4.7 µF and tantalum of 100 µF/20 V x 2
Overcurrent protection at IO = 8 ~ 10 A. VIN = 12 V, VO = 3.3
V and L = 10 µH (IHLP2525EZ type). CO consists of MLCC
of 4.7 µF and tantalum of 100 µF/20 V x 2
COMP: 500 mV/div
VO: 1 V /div
EN: 2 V/div
IL: 1 A/div
t: 1 ms/div
VSW: 5 V/div
VO: 1 V/div
VO: 20 mV/div
IL: 1 A/div
t: 500 ns/div
COMP: 500 mV/div
IL: 5 A/div
VSW: 10 V/div
VO: 1 V/div
t: 20 ms/div
System shuts down with EN pin becoming LOW.
VIN = 12 V, VO = 3.3 V and IO comes down from about 3 A.
Transient response. VIN = 12 V, VO = 3.3 V and L = 10 µH
(IHLP2525EZ type). CO consists of MLCC of 4.7 µF and
tantalum of 100 µF/20 V x 2. Output current steps up and
down between 0.4 A and 4 A with less than 1 µs rising and
falling time.
COMP: 200 mV/div
VO: 1 V/div
EN: 2 V/div
IL: 1 A/div
t: 200 µs/div
t: 50 µs/div
VO: 100 mV/div
IL: 2 A/div


Número de pieza similar - SIC413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIC413 VISHAY-SIC413 Datasheet
377Kb / 18P
   microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
SIC413 VISHAY-SIC413 Datasheet
434Kb / 18P
   microBUCK짰 SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
01-Jan-2022
SIC413 VISHAY-SIC413 Datasheet
4Mb / 12P
   microBUCK짰 Highly Integrated Synchronous Buck Regulators
2012
SIC413 VISHAY-SIC413 Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SIC413CB-T1-E3 VISHAY-SIC413CB-T1-E3 Datasheet
377Kb / 18P
   microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results

Descripción similar - SIC413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIC413 VISHAY-SIC413_13 Datasheet
377Kb / 18P
   microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
SIC413 VISHAY-SIC413_V01 Datasheet
434Kb / 18P
   microBUCK짰 SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
POWERICS VISHAY-POWERICS Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com