Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS3P6HM3-84A Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SS3P6HM3-84A Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page Document Number: 88997 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 19-Apr-11 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 High Current Density Surface Mount Schottky Rectifiers SS3P5, SS3P6 Vishay General Semiconductor New Product TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, DC/DC converters and polarity protection applications. FEATURES • Very low profile - typical height of 1.0 mm • Ideal for automated placement • Low forward voltage drop, low power losses • High efficiency • Low thermal resistance • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • AEC-Q101 qualified • Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC • Halogen-free according to IEC 61249-2-21 definition MECHANICAL DATA Case: DO-220AA (SMP) Molding compound meets UL 94 V-0 flammability rating Base P/N-M3 - halogen-free, RoHS compliant, and commercial grade Base P/NHM3 - halogen-free, RoHS compliant, and automotive grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes the cathode end PRIMARY CHARACTERISTICS IF(AV) 3.0 A VRRM 50 V, 60 V IFSM 45 A EAS 11.25 mJ VF at IF = 3.0 A 0.61 V TJ max. 150 °C DO-220AA (SMP) eSMP ® Series MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL SS3P5 SS3P6 UNIT Device marking code 35 36 Maximum repetitive peak reverse voltage VRRM 50 60 V Maximum average forward rectified current (fig. 1) IF(AV) 3.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 45 A Non-repetitive avalanche energy at TJ = 25 °C, IAS = 1.5 A, L = 10 mH EAS 11.25 mJ Voltage rate of change (rated VR) dV/dt 10 000 V/μs Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Número de pieza similar - SS3P6HM3-84A |
|
Descripción similar - SS3P6HM3-84A |