Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS10P6 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SS10P6
Descripción Electrónicos  High Current Density Surface Mount Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P6 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS10P6 Datasheet HTML 1Page - Vishay Siliconix SS10P6 Datasheet HTML 2Page - Vishay Siliconix SS10P6 Datasheet HTML 3Page - Vishay Siliconix SS10P6 Datasheet HTML 4Page - Vishay Siliconix SS10P6 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89043
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS10P5, SS10P6
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
12
10
8
6
4
2
0
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
Average Forward Current (A)
02
4
6
8
10
12
0
1
2
3
4
5
7
D = 0.1
D = 0.3
D = 0.5
D = 0.8
D = 1.0
6
D = 0.2
D = t
p/T
t
p
T
0
0.1
0.2
0.3
0.4
0.6
0.8
1.0
100
10
1
0.1
0.01
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.5
0.7
0.9
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Reverse Voltage (V)
10 000
1000
0.1
1
10
100
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
0.1
10
100
t - Pulse Duration (s)
Junction to Ambient
1


Número de pieza similar - SS10P6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SS10P6 VISHAY-SS10P6 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS10P6 VISHAY-SS10P6 Datasheet
90Kb / 6P
   Schottky Barrier Rectifier
Revision: 02-Aug-13
SS10P6 VISHAY-SS10P6 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS10P6-E3/86A VISHAY-SS10P6-E3/86A Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS10P6-E3/87A VISHAY-SS10P6-E3/87A Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
More results

Descripción similar - SS10P6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SS12P4C VISHAY-SS12P4C Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 13-May-11
SS12P4C VISHAY-SS12P4C_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS1P5L VISHAY-SS1P5L Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
SS12P4C VISHAY-SS12P4C_15 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 11-Dec-14
SS2P2 VISHAY-SS2P2_15 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 02-Aug-13
SS10P5 VISHAY-SS10P5_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS2P2 VISHAY-SS2P2_V01 Datasheet
102Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS8P2CL VISHAY-SS8P2CL_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-May-11
SS8P2CL VISHAY-SS8P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-Dec-14
SS1P5L VISHAY-SS1P5L_V01 Datasheet
106Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com