Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD75211W1723 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza CSD75211W1723
Descripción Electrónicos  Dual P-Channel NexFET??Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD75211W1723 Datasheet(HTML) 4 Page - Texas Instruments

  CSD75211W1723_11 Datasheet HTML 1Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 2Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 3Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 4Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 5Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 6Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 7Page - Texas Instruments CSD75211W1723_11 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
-VDS - Drain-to-Source Voltage - V
0
0.3
0.6
0.9
1.2
1.5
0
2
4
6
8
10
12
14
16
18
20
2
6
10
14
18
VGS = -1.8V
VGS = -2.5V
VGS = -3V
VGS = -3.5V
VGS = -4.5V
G001
-VGS - Gate-to-Source Voltage - V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
14
16
18
20
2
6
10
14
16
18
TC = -55°C
TC = 25°C
TC = 125°C
G002
VDS = -5V
Qg - Gate Charge - nC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.5
1.5
2.5
3.5
4.5
G003
ID = -2A
VDS = -10V
-VDS - Drain-to-Source Voltage - V
0
5
10
15
20
10
100
1k
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G004
f = 1MHz
VGS = 0V
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
G005
ID = -250µA
-VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
TC = 25°C
TC = 125°C
G006
ID = -2A
CSD75211W1723
SLPS250A
– MAY 2010 – REVISED AUGUST 2011
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs. Temperature
Figure 7. RDS(on) vs. Gate-to-Source Voltage
4
Copyright
© 2010–2011, Texas Instruments Incorporated


Número de pieza similar - CSD75211W1723_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
More results

Descripción similar - CSD75211W1723_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75207W15 TI-CSD75207W15 Datasheet
1Mb / 12P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75211W1723 TI-CSD75211W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com