Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD97370Q5M_1110 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CSD97370Q5M_1110
Descripción Electrónicos  Synchronous Buck NexFET??Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD97370Q5M_1110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD97370Q5M_1110 Datasheet HTML 4Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 5Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 6Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 7Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 8Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 9Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 10Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 11Page - Texas Instruments CSD97370Q5M_1110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Output Current (A)
Max
Typ
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−50
−25
0
25
50
75
100
125
150
TC − Junction Temperature − ºC
Ambient Temperature ( °C)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
50
5
15
25
35
45
G003
400LFM
200LFM
100LFM
Nat Conv
Ambient Temperature ( °C)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
50
5
15
25
35
45
G004
400LFM
200LFM
100LFM
Nat Conv
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
Board Temperature (ºC)
Typ SOA
Min SOA
CSD97370Q5M
SLPS314B
– JUNE 2011 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Test conditions: VIN = 12V, VDD = 5V, fSW= 500kHz, VOUT = 1.2V, LOUT = 0.3μH, DCR = 0.54mΩ, TJ = 125°C
spacer
Figure 7. Power Loss vs Output Current
Figure 8. Power Loss vs Temperature
Figure 9. Safe Operating Area
– PCB Vertical Mount (1)
Figure 10. Safe Operating Area
– PCB Horizontal Mount (1)
Figure 11. Typical and Min Safe Operating Area (1)
1. The Typical CSD97370Q5M System Characteristic curves are based on measurements made on a PCB design with
dimensions of 4.0
" (W) x 3.5" (L) x 0.062" (T) and 6 copper layers of 1 oz. copper thickness. See the Application section
for detailed explanation.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - CSD97370Q5M_1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Descripción similar - CSD97370Q5M_1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com