Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDSL5150-GH Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TDSL5150-GH
Descripción Electrónicos  Low Current 13 mm Seven-Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL5150-GH Datasheet(HTML) 3 Page - Vishay Siliconix

  TDSL5150-GH Datasheet HTML 1Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 2Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 3Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 4Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 5Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 6Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 7Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 8Page - Vishay Siliconix TDSL5150-GH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TDSL51..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 26-Jul-11
3
Document Number: 83123
For technical questions, contact: LED@Vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Rel. Luminous Intensity vs. Ambient Temperature
Fig. 5 - Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Fig. 6 - Relative Luminous Intensity vs. Forward Current
Fig. 7 - Relative Intensity vs. Wavelength
0.1
1
10
100
VF - Forward Voltage (V)
95 10050
red
t
p/T = 0.001
t
p = 10 µs
5
4
3
2
0
1
0
95 10051
20
40
60
80
100
IF = 2 mA
0
0.4
0.8
1.2
1.6
2.0
Tamb - Ambient Temperature (°C)
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
p/T
2.0
red
0.01
0.1
1
10
100
95 10061
IF - Forward Current (mA)
100
10
1
0.1
red
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
λ - Wavelength (nm)
1.0
red
a
f
e
g
d
c
b
DP
12
34
5
10
9
8
7
6
95 10896
1e
2d
4c
6b
9f
10
g
7a
5DP
3A ( C )
8A ( C )


Número de pieza similar - TDSL5150-GH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TDSL5150-FG VISHAY-TDSL5150-FG Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
TDSL5150-FG(1) VISHAY-TDSL5150-FG(1) Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display DESCRIPTION The
01-Jan-2022
More results

Descripción similar - TDSL5150-GH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com