Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDSR1050-KL Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza TDSR1050-KL
Descripción Electrónicos  High Intensity Red Low Current Seven Segment Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSR1050-KL Datasheet(HTML) 2 Page - Vishay Siliconix

  TDSR1050-KL Datasheet HTML 1Page - Vishay Siliconix TDSR1050-KL Datasheet HTML 2Page - Vishay Siliconix TDSR1050-KL Datasheet HTML 3Page - Vishay Siliconix TDSR1050-KL Datasheet HTML 4Page - Vishay Siliconix TDSR1050-KL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 81199
2
Rev. 1.1, 10-Feb-10
TDSR1050, TDSR1060
Vishay Semiconductors
High Intensity Red Low Current
Seven Segment Display
Note
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped in one tube
(there will be no mixing of two groups in one tube).
In order to ensure availability, single brightness groups will not be orderable.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Rel. Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDSR1050, TDSR1060, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment
(digit average)
IF = 1 mA
TDSR1050
IV
280
-
3600
μcd
TDSR1050-IK
1100
-
3600
TDSR1050-KL
1800
-
5600
TDSR1060
280
-
3600
Dominant wavelength
IF = 1 mA
TDSR1050,
TDSR1060
λ
d
-
640
-
nm
Peak wavelength
IF = 1 mA
λ
p
-
650
-
nm
Angle of half intensity
IF = 1 mA
ϕ
-± 50
-
deg
Forward voltage per segment or DP
IF = 1 mA
VF
-1.8
2.4
V
Reverse voltage per segment or DP
VR = 6 V
IR
-10-
μA
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (μcd)
STANDARD
MIN.
MAX.
F
280
560
G
450
900
H
700
1400
I
1100
2200
K
1800
3600
L
2800
5600
0
5
10
15
20
30
25
0
Tamb - Ambient Temperature (°C)
100
85
60
80
40
20
18540
0.4
0.2
0
95 10082
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Número de pieza similar - TDSR1050-KL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TDSR1050-IK VISHAY-TDSR1050-IK Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
Rev. 1.4, 11-Dec-14
TDSR1050-IK VISHAY-TDSR1050-IK Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
More results

Descripción similar - TDSR1050-KL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TDSR1350 VISHAY-TDSR1350 Datasheet
97Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.2, 09-Jun-11
TDSR0750 VISHAY-TDSR0750 Datasheet
106Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.0, 08-Oct-09
TDSR0750 VISHAY-TDSR0750_V02 Datasheet
100Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR1060 VISHAY-TDSR1060_V02 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR1350 VISHAY-TDSR1350_V02 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2023
TDSR1050 VISHAY-TDSR1050_14 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
Rev. 1.4, 11-Dec-14
TDSR0760 VISHAY-TDSR0760_V01 Datasheet
101Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
TDSR1350 VISHAY-TDSR1350_V01 Datasheet
94Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
TDSR1060 VISHAY-TDSR1060_V01 Datasheet
95Kb / 5P
   High Intensity Red Low Current 7-Segment Display
01-Jan-2022
logo
LUMEX INC.
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
   RED, SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com