Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC327-40 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

No. de pieza BC327-40
Descripción Electrónicos  PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC327-40 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BC327-40 Datasheet HTML 1Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 2Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 3Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 4Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 5Page - Siemens Semiconductor Group BC327-40 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Semiconductor Group
6
BC 327
BC 328
Transition frequency fT = f (IC)
f = 20 MHz, TA = 25 ˚C
Base-emitter saturation voltage
VBEsat = f (IC)
hFE = 10
DC current gain hFE = f (IC)
VCE = 1 V
Collector-emitter saturation voltage
VCEsat = f (IC)
hFE = 10


Número de pieza similar - BC327-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC327-40 PHILIPS-BC327-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
Diotec Semiconductor
BC327-40 DIOTEC-BC327-40 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC327-40 ONSEMI-BC327-40 Datasheet
147Kb / 5P
   Amplifier Transistors
December, 2006 ??Rev. 4
BC327-40 ONSEMI-BC327-40 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
logo
Micro Commercial Compon...
BC327-40 MCC-BC327-40 Datasheet
341Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

Descripción similar - BC327-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com