Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC847A Datasheet(PDF) 3 Page - Siemens Semiconductor Group |
|
BC847A Datasheet(HTML) 3 Page - Siemens Semiconductor Group |
3 / 8 page BC 846 ... BC 850 Semiconductor Group 3 Electrical Characteristics 1)Pulse test: t ≤ 300 µs, D = 2 %. V Collector-emitter breakdown voltage IC = 10 mA BC 846 BC 847, BC 850 BC 848, BC 849 V(BR)CE0 65 45 30 – – – – – – nA µA Collector cutoff current VCB = 30 V VCB = 30 V, TA = 150 ˚C ICB0 – – – – 15 5 Unit Values Parameter Symbol min. typ. max. DC characteristics Collector-base breakdown voltage IC = 10 µA BC 846 BC 847, BC 850 BC 848, BC 849 V(BR)CB0 80 50 30 – – – – – – Emitter-base breakdown voltage IE = 1 µA BC 846, BC 847 BC 848, BC 849, BC 850 V(BR)EB0 6 5 – – – – mV Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA VCEsat – – 90 200 250 600 – DC current gain IC = 10 µA, VCE = 5 V BC 846 A, BC 847 A, BC 848 A BC 846 B … BC 850 B BC 847 C, BC 848 C, BC 849 C, BC 850 C IC = 2 mA, VCE = 5 V BC 846 A, BC 847 A, BC 848 A BC 846 B … BC 850 B BC 847 C, BC 848 C, BC 849 C, BC 850 C hFE – – – 110 200 420 140 250 480 180 290 520 – – – 220 450 800 Base-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA VBEsat – – 700 900 – – Collector-emitter breakdown voltage IC = 10 µA, VBE = 0 BC 846 BC 847, BC 850 BC 848, BC 849 V(BR)CES 80 50 30 – – – – – – Base-emitter voltage IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V VBE(on) 580 – 660 – 700 770 at TA = 25 ˚C, unless otherwise specified. |
Número de pieza similar - BC847A |
|
Descripción similar - BC847A |